Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMT-2-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KMT-2-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KMT-2-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KMT-2-R Datasheet HTML 1Page - M-System Co.,Ltd. KMT-2-R Datasheet HTML 2Page - M-System Co.,Ltd. KMT-2-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: KMT
KMT SPECIFICATIONS
ES-3574 Rev.11 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
CONTACT ISOLATOR
Functions & Features
• Accepting one contact signal and providing two outputs
• Input circuit containing a constant current source allows
large leadwire resistance up to 3 kΩ
• Relay contact or open collector outputs
• High-density mounting
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
K-UNIT
MODEL: KMT–[1]–[2][3]
ORDERING INFORMATION
• Code number: KMT-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. KMT-1-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
INPUT
Dry contact
[1] OUTPUT
1: Relay contact
2: Open collector
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Front LEDs: Red light turns on with the output ON.
Green light turns on with the output OFF.
INPUT SPECIFICATIONS
■ Dry contact
Sensing: Approx. 28 V DC @5 mA
ON/OFF level: ≤ 3 kΩ for ON; ≥ 30 kΩ for OFF
OUTPUT SPECIFICATIONS
■ Open Collector: 24 V DC @100 mA
Maximum frequency: 40 Hz
Saturation voltage: 1.8 V DC
■ Relay Contact:
100 V AC @5 A (cos ø = 1)
24 V DC @5 A (resistive load)
Electrical life: 105 cycles (rate 30 cycles/min.)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 500 VA or 120 W
Minimum load: 5 V DC @10 mA
Mechanical life: 5 × 107 cycles
Maximum frequency: 1 Hz
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %
ripple 10 %p-p max., approx. 1.5 W (60 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail


Similar Part No. - KMT-2-R

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMT0 CK-COMPONENTS-KMT0 Datasheet
159Kb / 2P
Nano-Miniature SMT Top Actuated
KMT0 CK-COMPONENTS-KMT0 Datasheet
147Kb / 2P
Nano-Miniature SMT Top Actuated
21 mar 18
KMT011NGJLHS CK-COMPONENTS-KMT011NGJLHS Datasheet
159Kb / 2P
Nano-Miniature SMT Top Actuated
KMT011NGJLHS CK-COMPONENTS-KMT011NGJLHS Datasheet
147Kb / 2P
Nano-Miniature SMT Top Actuated
21 mar 18
KMT012NGJLHS CK-COMPONENTS-KMT012NGJLHS Datasheet
147Kb / 2P
Nano-Miniature SMT Top Actuated
21 mar 18
More results

Similar Description - KMT-2-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com