Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4047BM1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4047BM1
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047BM1 Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4047BM1 Datasheet HTML 1Page - STMicroelectronics HCF4047BM1 Datasheet HTML 2Page - STMicroelectronics HCF4047BM1 Datasheet HTML 3Page - STMicroelectronics HCF4047BM1 Datasheet HTML 4Page - STMicroelectronics HCF4047BM1 Datasheet HTML 5Page - STMicroelectronics HCF4047BM1 Datasheet HTML 6Page - STMicroelectronics HCF4047BM1 Datasheet HTML 7Page - STMicroelectronics HCF4047BM1 Datasheet HTML 8Page - STMicroelectronics HCF4047BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HCF4047B
2/12
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
BLOCK DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1
C
External Capacitor
2
R
External Resistor
3
RC COM-
MON
External Connection to (1)
and (2)
4
ASTABLE
Complement Astable
Pulse
5
ASTABLE
True Astable Pulse
6
-TRIGGER
Negative Trigger Pulse
8
+TRIGGER
Positive Trigger Pulse
9
EXT. RESET External Reset
12
RETRIG-
GER
Retrigger Mode Pulse
13
OSC. OUT
Oscillator Output
10,11
Q, Q
Q Outputs
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com