Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4047M013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4047M013TR
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047M013TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4047M013TR Datasheet HTML 2Page - STMicroelectronics HCF4047M013TR Datasheet HTML 3Page - STMicroelectronics HCF4047M013TR Datasheet HTML 4Page - STMicroelectronics HCF4047M013TR Datasheet HTML 5Page - STMicroelectronics HCF4047M013TR Datasheet HTML 6Page - STMicroelectronics HCF4047M013TR Datasheet HTML 7Page - STMicroelectronics HCF4047M013TR Datasheet HTML 8Page - STMicroelectronics HCF4047M013TR Datasheet HTML 9Page - STMicroelectronics HCF4047M013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HCF4047B
6/12
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
APPLICATION INFORMATION
1 - CIRCUIT DESCRIPTION
Astable operation is enabled by a high level on the
ASTABLE input. The period of the square wave at
the Q and Q Outputs in this mode of operation is a
function of the external components employed.
"True" input pulses on the ASTABLE input or
"Complement" pulses on the ASTABLE input
allow the circuit to be used as a gatable
multivibrator. The OSCILLATOR output period will
be half of the Q terminal output in the astable
mode. However, a 50% duty cycle is not
guaranteed at this output. In the monostable
mode, positive-edge triggering is accomplished by
application
of a
leading-edge pulse
to
the
+TRIGGER input and a low level to the -TRIGGER
input. For negative-edge triggering, a trailing-edge
pulse is applied to the -TRIGGER and a high level
is applied to the +TRIGGER. Input pulses may be
of any duration relative to the output pulse. The
multivibrator can be retriggered (on the leading
edge only) by applying a common pulse to both
the RETRIGGER and +TRIGGER inputs. In this
mode the output pulse remains high as long as the
input pulse period is shorter than the period
determined by the RC components. An external
countdown
option
can
be
implemented
by
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay
Time
Astable, Astable
to Osc. Out
5
200
400
ns
10
100
200
15
80
160
Astable, Astable
to Q, Q
5
350
700
10
175
350
15
125
250
+ or - Trigger to
Q, Q
5
500
1000
10
225
450
15
150
300
Retrigger to Q, Q
5
300
600
10
150
300
15
100
200
External Reset
to Q, Q
5
250
500
10
100
200
15
70
140
tTHL tTLH Transition Time Osc. Out Q, Q
5
100
200
ns
10
50
100
15
40
80
tW
Input Pulse Width
+ Trigger
- Trigger
5
200
400
ns
10
80
160
15
50
100
Reset
5
100
200
10
50
100
15
30
60
Retrigger
5
300
600
10
115
230
15
75
150
tr, tf
Input Rise and Fall Time All Inputs
5
Unlimited
µs
10
15
Q or Q Deviation from 50% Duty
Factor
5
±0.5
±1
%
10
±0.5
±1
15
±0.1
±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com