Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZK2LLA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZK2LLA
Description  Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK2LLA Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZK2LLA Datasheet HTML 1Page - Renesas Technology Corp HZK2LLA Datasheet HTML 2Page - Renesas Technology Corp HZK2LLA Datasheet HTML 3Page - Renesas Technology Corp HZK2LLA Datasheet HTML 4Page - Renesas Technology Corp HZK2LLA Datasheet HTML 5Page - Renesas Technology Corp HZK2LLA Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HZK-LL Series
Rev.2.00, May.14.2003, page 4 of 6
Main Characteristic
012345678
123456
0.5
1.0
1.5
−0.02
−0.03
−0.04
−0.01
−0.05
0
2.0
250
200
150
100
50
200
150
100
50
0
0
2.5mm
3mm
Printed circuit board
15
× 20 × 1.6t mm
Material: Glass epoxy
%/
°C
mV/
°C
10
–6
10
–8
10
–3
10
–4
10
–2
10
–5
10
–7
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com