Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZK2LLB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZK2LLB
Description  Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK2LLB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZK2LLB Datasheet HTML 1Page - Renesas Technology Corp HZK2LLB Datasheet HTML 2Page - Renesas Technology Corp HZK2LLB Datasheet HTML 3Page - Renesas Technology Corp HZK2LLB Datasheet HTML 4Page - Renesas Technology Corp HZK2LLB Datasheet HTML 5Page - Renesas Technology Corp HZK2LLB Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HZK-LL Series
Rev.2.00, May.14.2003, page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
250
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Note:
With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
V
Z (V) *
1
I
R (nA)
Z
ZT (Ω
Ω
Ω
Ω)Z
ZK*
2 (k
Ω
Ω
Ω
Ω)*3∆
∆∆
∆V
Z1 (V)
*
4
∆
∆∆
∆V
Z2 (V)
Type
Grade
Min Max I
Z (mA)
Max V
R (V)
Max I
ZT (mA)
Typ I
ZK (µ
µµµA) Max
Max
HZK2LL A
1.6
2.0
0.5
100
0.5
350
0.5
(1.2) 50
0.5
0.6
B1.9
2.3
C2.2
2.6
HZK3LL A
2.5
2.9
0.5
100
1.0
360
0.5
(1.2) 50
0.5
0.6
B2.8
3.2
C3.1
3.5
HZK4LL A
3.4
3.8
0.5
100
2.0
370
0.5
(1.5) 50
0.5
0.6
B3.7
4.1
C4.0
4.4
HZK5LL A
4.3
4.7
0.5
100
3.0
380
0.5
(1.5) 50
0.5
0.6
B4.6
5.0
C4.9
5.3
Notes: 1. Tested with DC.
2. Reference only
3.
∆V
Z1 = VZ (IZ = 0.5 mA) – VZ1 (Iz = 0.05 mA)
4.
∆V
Z2 = VZ1 (IZ = 0.05 mA) – VZ2 (Iz = 0.001 mA)
Type No. is as follows; HZK2ALL, HZK2BLL, ••• HZK5CLL.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com