Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25B6EB Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # P25B6EB
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

P25B6EB Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  P25B6EB Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. P25B6EB Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. P25B6EB Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. P25B6EB Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.doingter.cn
—
2 —
Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
60
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=60V
---
---
1
μA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
1
1.6
2.5
V
RDS(ON)
Drain-Source On Resistance
3
VGS=10V,ID=30A
---
12
17
mΩ
VGS=4.5V,ID=20A
---
16
25
Dynamic Characteristics
Ciss
Input Capacitance
VDS=25V, VGS=0V, f=1MHz
---
2900
pF
Coss
Output Capacitance
---
140
Crss
Reverse Transfer Capacitance
---
124
Switching Characteristics
td(on)
Turn-On Delay Time
VDD=25V, ID=30A,
VGS=10V,RGEN=1.8Ω
---
7.4
ns
tr
Rise Time
---
5.1
ns
td(off)
Turn-Off Delay Time
---
28.2
ns
tf
Fall Time
---
5.5
ns
Qg
Total Gate Charge
VGS=10V, VDS=30V,
ID=30A
---
50
nC
Qgs
Gate-Source Charge
---
6
nC
Qgd
Gate-Drain “Miller” Charge
---
15
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
VGS=0V,IS=30A
---
---
1.2
V
Is
Continuous Source Current
---
50
A
ISM
Pulsed Source Current
---
200
A
trr
Reverse Recovery Time
28
---
Ns
qrr
Reverse Recovery Charge
40
---
nc
IF=30A, dI/dt=100A/μs
P25B6EB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com