Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD10 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD10
Description  Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD10 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD10_24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD10_24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD10_24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD10_24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD10_24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 5
LEDD10_24 – Rev. 2018-1.2
Specifications subject to change without notice.
LEDD10_24 Series
Constant current power LED driver - Wide Input - Non=Isolated & Regulated
Note:
The voltage drop of all LEDs in the datasheet is 3.3-3.8V,during actual application, the
number of LEDs can be confirmed based on the actual voltage drop and output voltage
of LEDs.
This product does not support hot-Plug use.
Analogue dimming control and application sample
PWM curves
Analogue dimming circuit
Output current VS PWM dimming frequency (D=50%)
Analogue input voltage and output current
Output current VS Dimming duty ratio(f=200Hz)
Typical characteristics
LEDD10_24-700
LEDD10_24-500
LEDD10_24-350
LEDD10_24-700
LEDD10_24-500
LEDD10_24-350
LEDD10_24-xxx



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com