Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD10 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD10
Description  Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD10 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD10 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
LEDD10_24_A – Rev. 2018-1.2
Specifications subject to change without notice.
LEDD10_24_A Series
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
SMD package, simple and
convenient
High efficiency up to 95%
Short circuit protection (SCP)
Ultra wide range voltage
input (5.5-48VDC)
With large capacitive loads
(1000µF)
AC-DC, EMC recommended
circuit
Analogue dimming
Low ripple & noise (<100mV)
RoHS and UL compliance
LED Driver
The LEDD10_24_A is a series of step-down constant current source designed for
driving high power LEDs. With high efficiency, wide input voltage range, high-
temperature environment, functional and so on. Contains a PWM dimming, ana-
log dimming and remote shutdown capabilities.
It is widely used in LED illumination areas such as backlight and 12V, 24V, 36V au-
tomotive lighting, landscape lighting, special lighting controls, commercial
lighting, street lighting, home lighting and other lighting systems.
Analogue dimming (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
Input voltage range
Vin=5.5-48V
0-15V
Output current
range
Vin=5.5-48V
0%-100%
Control voltage
range
• Full on
• Full off
0.2V±50mV
4.5V±200mV
Driving current
Vc=5V
0.2mA (max)
Specifications
Item
Test condition
Min
Typ
Max
Units
Utmost input
voltage
≤10 seconds
5
55
VDC
Recommended
input voltage
5.5
24
48
VDC
Min. Input-output
Voltage Drop
Input voltage range
2
4
VDC
Input filter
Capacitor
Internal power
dissipation
Vin=24V, 5LEDS
0.7
W
Output voltage
range
Vin=48V
3.3
36
VDC
Output power
• Io: 300mA
• Io: 350mA
• Io: 500mA
• Io: 600mA
• Io: 700mA
10.8
12.6
18
21.6
25.2
W
W
W
W
W
Output current
accuracy
• Io: 300-600mA
• Io: 700mA
±3
±5
±5
±7
%
%
Output current
stability
Vin=48V, Vo=3.3V~36V
±3
±5
%
Temperature
coefficient
-40°C to +71°C
0.015
%/°C
Ripple & Noise
20MHz bandwidth
(Vin=48V, 1~10 LEDs)
100
mV
Over temperature
protection
Self recovery after
cooling
Short circuit
protection
Continuous,
automatic recovery
Operating tempera-
ture range
• 300mA/350mA
• 500mA/600mA/
700mA
-40
-40
85
71
°C
°C
Storage temperature
-55
125
°C
Maximum case
temperature
100
°C
Lead temperature
1.5mm away from the
casing, 10 seconds
300
°C
Humidity
95
%
Operating frequency
range
550
645
750
kHz
MTBF
MIL-HDBK-217F(+25°C)
1,000,000
Hours
Case Material
Epoxy Resin (UL94-V0)
Dimensions
22,8 * 10,2 * 9
mm
Weight
4.3
g
Example:
LEDD10_24-300A
LED= Series D10= DIP10; yy= 24VDC nominal; 300= 0,3A;
A= Analogue dimming
EMC specifications
EMI
Conducted
disturbance
EN55015 power port/CISPR22
CLASS B*
EMI
Radiated Emission
EN55015 /CISPR22 CLASS B*
EMS
Electrostatic
Discharge
IEC/EN61000-4-2
Contact ±2KV
perf. Criteria B*
EMS
Radiation
Immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±1KV
perf. Criteria B*
EMS
Surge Immunity
IEC/EN61000-4-5
±1KV
perf. Criteria B*
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
* Refer to EMC solution-recommended circuit
Note:
1. If the product is not operated within the required load range, the product
performance cannot be guaranteed to comply with all parameters in the
datasheet;
2. The maximum capacitive load offered were tested at nominal input voltage and
full load;
3. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta=25°C, humidity<75% with nominal input voltage and rated
output load;
4. All index testing methods are based on our Company’s corporate standards;
5. We can provide product customization service;
6. Specifications are subject to change without prior notice.


Similar Part No. - LEDD10

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
logo
List of Unclassifed Man...
LEDD10E ETC2-LEDD10E Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
Pentair Equipment Prote...
LEDD10E HOFFMANPRODUCTS-LEDD10E Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
More results

Similar Description - LEDD10

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD16 GAPTEC-LEDD16 Datasheet
2Mb / 6P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-P GAPTEC-LEDW10-24-P Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com