Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2021 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC2021
Description  Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2021 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC2021 Datasheet HTML 1Page - Micrel Semiconductor DSC2021 Datasheet HTML 2Page - Micrel Semiconductor DSC2021 Datasheet HTML 3Page - Micrel Semiconductor DSC2021 Datasheet HTML 4Page - Micrel Semiconductor DSC2021 Datasheet HTML 5Page - Micrel Semiconductor DSC2021 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2021
Page 3
MK-Q-B-P-D-12042604-2
DSC2021
Low-Jitter Configurable Dual LVPECL-CMOS Oscillator
Output Clock Frequencies
Table 2 lists the standard frequency configurations and the associated ordering information to be
used in conjunction with the ordering code above. Customer defined combinations are available.
Table 2. Pre-programmed pin-selectable output frequency combinations
Ordering
Info
Freq
(MHz)
Freq Select Bits [FS2, FS1, FS0] – Default is [111]
000
001
010
011
100
101
110
111
I0001
fOUT1
150
150
125
100
150
156.25
125
100
fOUT2
75
50
50
50
25
25
25
25
I000X
fOUT1
Contact factory for additional configurations.
fOUT2
Frequency select bit are weakly tied high so if left unconnected the default setting will be [111] and
the device will output the associated frequency highlighted in Bold.
Absolute Maximum Ratings
Item
Min
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
Note: 1000+ years of data retention on internal memory
Ordering Code
DSC2021
xxxxx
Freq (MHz)
See Freq. table
-
Packing
T: Tape & Reel
: Tube
F I 2
Package
F: 3.2x2.5mm
Temp Range
E: -20 to 70
I: -40 to 85
Stability
1: ±50ppm
2: ±25ppm
5: ±10ppm
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com