Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4417 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4417
Description  Silicon NPN epitaxial planer type(For intermadiate frequency amplification of TV image)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4417 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4417 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4417 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4417
Silicon NPN epitaxial planer type
For intermadiate frequency amplification of TV image
s Features
q
High transition frequency fT.
q
Satisfactory linearity of forward current transfer ratio hFE.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
45
35
4
50
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Common emitter reverse transfer capacitance
Symbol
ICEO
VCBO
VCEO
VEBO
hFE
VCE(sat)
fT
Cre
Conditions
VCE = 20V, IB = 0
IC = 10µA, IE = 0
IE = 1mA, IB = 0
IE = 10µA, IC = 0
VCB = 10V, IE = –10mA
IC = 20mA, IB = 2mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = –1mA, f = 10.7MHz
min
45
35
4
20
typ
50
500
max
10
100
0.5
1.5
Unit
µA
V
V
V
V
MHz
pF
Marking symbol :
2Z


Similar Part No. - 2SC4417

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4410 PANASONIC-2SC4410 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF amplification)
logo
Sanyo Semicon Device
2SC4411 SANYO-2SC4411 Datasheet
84Kb / 3P
Very High-Definition CRT Display Video Output Applications???
logo
FutureWafer Tech Co.,Lt...
2SC4411H FUTUREWAFER-2SC4411H Datasheet
1Mb / 7P
NPN Power Transistors
24-NOV-2021 V 2.1
logo
Sanyo Semicon Device
2SC4412 SANYO-2SC4412 Datasheet
73Kb / 3P
TV camera Deflection, High-Voltage Driver Applications
logo
Guangdong Kexin Industr...
2SC4412 KEXIN-2SC4412 Datasheet
38Kb / 1P
NPN Triple Diffused Planar Silicon Transistor
More results

Similar Description - 2SC4417

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1360 PANASONIC-2SC1360 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For intermadiate frequency amplification of TV image)
2SC2188 PANASONIC-2SC2188 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For intermediate frequency amplification of TV image)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4787 PANASONIC-2SC4787 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For intermediate frequency amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com