Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPR2-7M1R-V/Q Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # JPR2-7M1R-V/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPR2-7M1R-V/Q Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  JPR2-7M1R-V/Q Datasheet HTML 1Page - M-System Co.,Ltd. JPR2-7M1R-V/Q Datasheet HTML 2Page - M-System Co.,Ltd. JPR2-7M1R-V/Q Datasheet HTML 3Page - M-System Co.,Ltd. JPR2-7M1R-V/Q Datasheet HTML 4Page - M-System Co.,Ltd. JPR2-7M1R-V/Q Datasheet HTML 5Page - M-System Co.,Ltd. JPR2-7M1R-V/Q Datasheet HTML 6Page - M-System Co.,Ltd. JPR2-7M1R-V/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: JPR2
JPR2 SPECIFICATIONS
ES-1580 Rev.10 Page 7/7
http://www.m-system.co.jp/
OPERATION
[Example]
Input frequency: 2 Hz
Sampling time: 0.5 sec.
Pulse rate: 3/2
Output pulse width: Duty ratio approx. 50 %
Max. output frequency: 1 kHz
1) The JPR2 counts the number of pulses during the sampling time (period). In the example, 1 count in 0.5 sec. time.
2) Converts the number in the preset rate. In the example, 1 pulse × 3/2 = 1.5 pulses
3) Outputs the converted pulses in the next sampling period.
If certain pulses are not output within the time frame due to a fraction or the max. output frequency limit, they are output in
the following sampling period. In the example, 1 pulse is output in the second period, two pulses are output in the third to
adjust the fraction.
Input
2 Hz
Output
Non-uniform
2 Hz
approx.
4 Hz
approx.
2 Hz
approx.
4 Hz
approx.
0.5 sec.
sampling time
50 msec.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com