Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DFR1A
Description  Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DFR1A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DFR1A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DFR1A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev : 01.06.2014
1/2
www.leiditech.com
特性
玻璃钝化芯片
适用于贴面安装
超薄的封装
外型尺寸和标记
适合于自动化放置
低损耗效率高
高温焊接 终端260 C /10秒
C
机械数据
符合JEDEC DO-219-AB(SMF)的标准
极性:有标记端为负极
包装:符合ELA STD RS-481标准 12mm宽胶带包装
重量:15毫克
:
最大额定参数和电特性
Maximum Ratings and Electrical Characteristics
在25
环境温度下评级,除非另有说明。 Rating at 25
ambient temperature unless otherwise specified
C
单相、半波、60赫兹,电阻或电感负载。 Single phase,half wave,60 HZ,resistive or inductive load
电容性负载,减免电流20%。
For capacitive load derate current by 20%
型号
Type Number
符号
Symbol
单位
Units
DFR1A
DFR1B
DFR1D
DFR1G
DFR1J
DFR1K
DFR1M
最大重复峰值反向电压
Maximum Recurrent Peak Reverse Voltage
最大电压有效值
Maximum RMS Voltage
最大直流阻断电压
Maximum DC Blocking
Voltage
V
RRM
V
RMS
V
DC
V
V
V
A
A
V
50 100 200 400 600 800 1000
50 100 200 400 600 800 1000
35
70 140 280 420 560 700
最大平均整流输出电流 Maximum Average Forward Rectified
I
(AV)
1.0
在 @T =65
的条件下
Current@ T
=65
l
l
C
峰值正向冲击电流8.3毫秒
Peak Forward surge Current,8.3 ms singe
在额定的半弦波叠加条件下
Half Sine-wave superimposed on Rated
负载符合( JEDEC方法) Load (JEDEC method)
I
FSM
25.0
最大瞬时正向电压@ 1.0A
Maximum Lnstantaneous Forward Voltage @1.0A
V
F
1.3
最大直流反向电流@T =25
Maximum DC Reverse
@ T
=25
额定电流阻断电压@ T =25
at Rated DC Blocking
Voltage @ T =125
A
A
C
C
A
C
A
C
I
R
A
5.0
50
快恢复时间(注2) Maximum
reverse
recovery time
(Note 2)
RR
150
nS
典型的结电容(注1)
Typical Junction Capacitance (Note 1)
C
j
15
pF
操作温度范围
Operating Temperature Range
C
-55 to +150
存储温度范围
Storage Temperature Range
-55 to +150
C
注 (Note): 1 以1MHZ和应用VR=4(V) Measured at 1 MHZ and Applied VR=4.0Volts
2
测试设置
Measured
With
IF=0.5A
IR=1A
Irr=0.25A
标记
MARK
F1
F2
F3
F4
F5
F6
F7
C
250
500
DFR1A THRU DFR1M
Surface Mount Fast Recovery Rectifiers


Similar Part No. - DFR1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR1A LUGUANG-DFR1A Datasheet
672Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
DFR1A JUXING-DFR1A Datasheet
1Mb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Microdiode Semiconducto...
DFR1A CHENDA-DFR1A Datasheet
568Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
More results

Similar Description - DFR1A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com