Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWR200C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SWR200C
Description  Precision Sine Wave Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SWR200C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SWR200C Datasheet HTML 1Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 2Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 3Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 4Page - List of Unclassifed Manufacturers SWR200C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL
C
M
PARAMETERS
MIN
TYP MAX
MIN TYP MAX MIN
TYP MAX MIN TYP MAX
UNITS
ABSOLUTE MAXIMUM RATINGS
Power Supply
±13.5 15
±22
*
*
V
Operating Temperature
-25
85
-55
125
°C
Storage Temperature
-65
150
*
*
°C
Short Circuit Protection
Continuous
*
OUTPUT VOLTAGE
7.071
*
Vrms
OUTPUT VOLTAGE ERRORS
Initial Error
0.05
*
%
Warmup Drift
100
*
µV
DC Offset
3
*
mV
DC Offset Over Temp.
3
18
*
*
µV/°C
Tmin - Tmax
1
2.0
1
3.0
ppm/°C
Long-Term Stability
10
*
ppm/°C
OUTPUT CURRENT
Range
±10
*
mA
REGULATION
Line
10
*
ppm/V
Load
3
*
ppm/mA
POWER SUPPLY CURRENTS
+PS
10.5
13
*
*
mA
-PS
9.5
13
*
*
mA
DISTORTION
0.5
*
%
FREQUENCY
.98
1
1.02
*
*
*
Hz
400
10K
*
Hz
15
*
ppm/°C
SWR200
NOTES:
*Same as C Models.
1.Using the box method, the specified value is the
maximum deviation from the output voltage at 25°C
over the specified operating temperature range.
2.The specified values are unloaded.
3.Pin 8 is internally connected to Pin 7 and can be
used as Ref. GND.
4. The frequency range can be extended to any desired
lower value by using 2 external AGC capacitors (see
AN-3).
5.The increase in distrotion at lower frequencies can be
eliminated by using external AGC capacitors (see
AN-3).
f =
10
-5
C1 C2
Range (f)
vs. Temperature
f
f
SWR200DS REV. D JUNE 1995
Vps =±15V, T = 25°C, RL = 10K
Ω unless otherwise noted.
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com