Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ-RI Datasheet(PDF) 13 Page - SignalQuest, Inc.

Part # SQ-RI
Description  RUGGED PACKAGED INCLINOMETER, CAN2.0B/J1939
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-RI Datasheet(HTML) 13 Page - SignalQuest, Inc.

Back Button SQ-RI Datasheet HTML 7Page - SignalQuest, Inc. SQ-RI Datasheet HTML 8Page - SignalQuest, Inc. SQ-RI Datasheet HTML 9Page - SignalQuest, Inc. SQ-RI Datasheet HTML 10Page - SignalQuest, Inc. SQ-RI Datasheet HTML 11Page - SignalQuest, Inc. SQ-RI Datasheet HTML 12Page - SignalQuest, Inc. SQ-RI Datasheet HTML 13Page - SignalQuest, Inc. SQ-RI Datasheet HTML 14Page - SignalQuest, Inc. SQ-RI Datasheet HTML 15Page - SignalQuest, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DATASHEET
SQ-RI SERIES
RUGGED PACKAGED INCLINOMETER, CAN2.0B/J1939
Updated: 2014-01-16
© SignalQuest, LLC
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
13
ORDERING OPTIONS
OPTIONS
CODE
OPTION
NOTES
SQ-RIL
Dual-Axis: ± 70 o dual
Single-Axis: 360 o
Low range
SQ-RIW
Dual-Axis: 360 o x 180 o
Wide range
-12R
5 – 15 V supply
-36R
7 – 36 V supply
Standard version (stock)
CONNECTOR TYPE
PACKAGE TYPE
PROTECTION
RATING
BUS TOPOLOGY
NOTES
-1C
1 Deutsch, 12 pin
SQ-ENCL-8
IP67
Tap bus (internal
CAN terminator)
-1CA
1 Deutsch, 12 pin, black
anodized
SQ-ENCL-8
IP67
Tap bus (internal
CAN terminator)
-2C
2 Deutsch, 12 pin
SQ-ENCL-7
IP67
In-line bus
-2CA
2Deutsch, 12 pin, black
anodized
SQ-ENCL-7
IP67
In-line bus
-3C
Flying lead
SQ-ENCL-3
IP65
Tap bus (internal
CAN terminator)
-4C
1 circular connector
SQ-ENCL-9
IP68
Tap bus (internal
CAN terminator)
-5C
2 circular connectors
SQ-ENCL-10
IP68
In-line bus
-7C
1 connector, low cost
SQ-ENCL-11
IP67
Tap bus (internal
CAN terminator)
-8C
2 connector, low cost
SQ-ENCL-11
IP67
In-line bus
-P1
Standard performance
Standard accuracy and resolution
-P2
High performance
Higher accuracy and resolution
-S
500 mS settling time
Better noise rejection, slower response time –
This model uses a 0.5 second moving average filter to provide digital
damping. This reduces the impact that spurious accelerations and
vibrations have on the angle reading. This model will reject noise
better than the “F” model, but with the tradeoff of a slower response
time.
-F
100 mS settling time
Faster response time, poorer noise rejection –
This model uses a 0.1 second moving average filter to provide digital
damping. This model will respond more quickly to changes in angle
than the “S” model, but with the trade off of poorer noise rejection.
ID0
ID0 (Address 0xA2)
ID1
ID1 (Address 0xA3)
ID2
ID2 (Address 0xA4)
ID3
ID3 (Address 0xA5)
IDX
Hardware Addressable
IDS
Software Addressable
Coming soon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com