Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ-PTS Datasheet(PDF) 10 Page - SignalQuest, Inc.

Part # SQ-PTS
Description  PROGRAMMABLE MEMS TILT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-PTS Datasheet(HTML) 10 Page - SignalQuest, Inc.

Back Button SQ-PTS Datasheet HTML 4Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 5Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 6Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 7Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 8Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 9Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 10Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 11Page - SignalQuest, Inc. SQ-PTS Datasheet HTML 12Page - SignalQuest, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DATASHEET
SQ-SEN-200
NANO-POWER TILT AND VIBRATION SENSOR
Updated: 2014-01-16
© SignalQuest, LLC.
2013
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
10
ORDERING GUIDE
OPTIONS
CODE
OPTION
NOTES
-NR
No onboard regulator
Special order only
-3.0R
3.0 V onboard regulator
Special order only
-3.3R
3.3 V onboard regulator
Standard version (stock)
-HMP
Horizontal mount package
Fits into standard 0.100” grid circuit board
-VMP
Vertical mount package
Available for SQ-SI family only
-NP
No pins installed
Fits inside potting box enclosures (SQ-ENCL-1)
-HP
High performance
Better if power consumption is not a primary concern
-LP
Low power
Better if low power consumption is critical
-IND
High accuracy
Suitable for industrial applications needing precise
measurement
-LC
Low cost
Suitable for high volume, lower accuracy, cost sensitive
applications
-S
500 mS settling time
Better noise rejection, slower response time –
This model uses a 0.5 second moving average filter to
provide digital damping. This reduces the impact that
spurious accelerations and vibrations have on the angle
reading. This model will reject noise better than the “F”
model, but with the tradeoff of a slower response time.
-F
100 mS settling time
Faster response time, poorer noise rejection –
This model uses a 0.1 seconds second moving average filter
to provide digital damping. This model will respond more
quickly to changes in angle than the “S” model, but with the
tradeoff of poorer noise rejection.
-XTRIG1
Specify angle and axis
High impedance
output i.e. low drive
current
X20 means trigger will trip when X
Tilt is >= 20 degrees from horizontal
in either direction.
Y10 means trigger will trip when Y
Tilt is >= 10 degrees from horizontal
in either direction.
-YTRIG2
Specify angle and axis
-XTRIG3
Specify angle and axis
Low impedance
output i.e. high drive
current.
-YTRIG4
Specify angle and axis
-HYST
Specify hysteresis angle
H2 means hysteresis of 2 degrees i.e. triggers trips at TRIG
angle, but un-trips at (TRIG – 2 degrees).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com