Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ-ASB Datasheet(PDF) 7 Page - SignalQuest, Inc.

Part # SQ-ASB
Description  ON/OFF SHOCK AND ACCELERATION SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-ASB Datasheet(HTML) 7 Page - SignalQuest, Inc.

  SQ-ASB Datasheet HTML 1Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 2Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 3Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 4Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 5Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 6Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 7Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 8Page - SignalQuest, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATASHEET
SQ-ASX SERIES
ON/OFF SHOCK AND ACCELERATION SENSOR
Updated: 2014-05-22
© SignalQuest, LLC.
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
Page 7 of 8
PART COMPARISON
PART NUMBER
TYPE
SENSITIVITY
ACCELERATION THRESHOLD
(ON AXIS)
SQ-ASA-150
Normally closed
One axis, single sided
150 G
SQ-ASB-010
Normally closed
Omnidirectional
5 - 20 G
SQ-ASE-060
Normally open
Radial axis
60 G
SQ-ASE-100
Normally open
Radial axis
100 G
SQ-ASE-1400
Normally open
Radial axis
1400 G
PRODUCT COMPARISON
GRADE
ASSEMBLY METHOD
SEALED
WASHABLE
ROHS
OPERATING
TEMPERATURE
CYCLES
*
SERVICE
LIFE
(YRS)
I
Reflow Solder: 260° C peak
Hand Assembly: 315° C peak,
2 -3 seconds on end terminal
Yes
Yes
Yes
-40º to +85º C
100,000
10
C
Reflow Solder: 260° C peak
Hand Assembly: 315° C peak,
2 -3 seconds on end terminal
Yes
Yes
Yes
-25º to +70º C
100,000
5
*Test conditions: 0.5 gRMS, 5 to 200 Hz flat spectrum
ORDERING GUIDE
PART NUMBER
PACKAGING CODE
EXAMPLE COMPLETE ORDER NUMBER
SQ-ASx-xxx-C
TR - Tape on Reel
SQ-ASA-150-CTR
SQ-ASx-xxx-I
CT - Cut Tape
TR - Tape on Reel
SQ-ASB-010-ICT
SQ-ASE-060-ITR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com