Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ-ASC Datasheet(PDF) 3 Page - SignalQuest, Inc.

Part # SQ-ASC
Description  ON/OFF SHOCK AND ACCELERATION SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-ASC Datasheet(HTML) 3 Page - SignalQuest, Inc.

  SQ-ASC Datasheet HTML 1Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 2Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 3Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 4Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 5Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 6Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 7Page - SignalQuest, Inc. SQ-ASC Datasheet HTML 8Page - SignalQuest, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATASHEET
SQ-ASX SERIES
ON/OFF SHOCK AND ACCELERATION SENSOR
Updated: 2014-05-22
© SignalQuest, LLC.
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
Page 3 of 8
CHARACTERISTICS
* Current consumption is determined by the resistance of the application circuit and the supply voltage.
DIMENSIONS FOR ASA & ASC
PHYSICAL SIZE
SYMBOL
DESCRIPTION
MM
TOLERANCE
A
Length
6.8
±0.25
B
Diameter
3.3
±0.1
C
Terminal Width
0.8
±0.25
D
Solder Nub Diameter
0.9
±0.25
E
Solder Nub Length
0.4
±0.1
F
Terminal Width 2
.4
±0.25
PARAMETER
MIN
MAX
CONDITIONS
Shock Survival
5,000 g
5x, 0.1 ms half-sin, any axis
Storage Temperature
-40º C
85º C
Supply Voltage Range
0.5 V
12 V
Current Sink*
50 nA
10 mA
)
(
)
V/
(
)
V
(
)
V
(
º
º
Angle
r
ScaleFacto
Offset
Output
)
V/
(
)
V
(
)
V
(
)
(
º
º
r
ScaleFacto
Offset
Output
Angle



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com