Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ-ASD Datasheet(PDF) 6 Page - SignalQuest, Inc.

Part # SQ-ASD
Description  ON/OFF SHOCK AND ACCELERATION SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-ASD Datasheet(HTML) 6 Page - SignalQuest, Inc.

  SQ-ASD Datasheet HTML 1Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 2Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 3Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 4Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 5Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 6Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 7Page - SignalQuest, Inc. SQ-ASD Datasheet HTML 8Page - SignalQuest, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATASHEET
SQ-ASX SERIES
ON/OFF SHOCK AND ACCELERATION SENSOR
Updated: 2014-05-22
© SignalQuest, LLC.
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
Page 6 of 8
THEORY OF OPERATION
Acceleration causes a spring and/or weight to either open or close a circuit depending on model.
FUNCTIONAL BEHAVIOR
SQ-ASA
The SQ-ASA series sensor is a normally closed device. It is designed to be sensitive only in one direction. However, it will
exhibit some off axis sensitivity. Typical cross axis open signals are in the 2 – 8 mS range, where on axis open signals are
proportional to the duration of acceleration above the threshold.
SQ-ASB
The SQ-ASB series sensor is a normally closed device. It is designed to be sensitive in all directions. It is about 4 times
more sensitive off axis than on axis. Typical cross axis open signals are in the 2 – 8 mS range, where on axis open signals are
proportional to the duration of acceleration above the threshold. NOTE: If better accuracy is required, choose the cross axis
specification that matches your requirements and use two sensors at 90 degrees to one another, logically “OR’ed” together.
SQ-ASC
The SQ-ASC series sensor is a normally open device. It is designed to be sensitive only in one direction and is very immune
to cross axis acceleration. Only if a cross axis event is 10 times greater than the rated threshold may the sensor trigger in a
cross axis mode.
SQ-ASD
The SQ-ASD series sensor is a normally open device. It is designed to be sensitive in all directions. The sensor will trigger
radially or in the terminal 12 direction when acceleration is applied. In the terminal 21 direction, the sensor will trigger
after the acceleration is removed (rebound effect). NOTE: If using the rebound trigger in the 21 direction is not
appropriate for the application, mount two sensor parallel in opposite directions.
SQ-ASE
The SQ-ASE series sensor is a normally open device. It is designed to be sensitive in a radial direction. The sensor will
trigger radially when acceleration is applied. NOTE: To achieve an omnidirectional response mount two sensors at 90
degrees to one another in any plane, logically “OR’ed” together.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com