Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123-09SC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL123-09SC-R
Description  Low Skew Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-09SC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL123-09SC-R Datasheet HTML 1Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 2Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 3Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 4Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 5Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 6Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 7Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 8Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PL123-05/-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/22/13
Page 4
ABSOLUTE MAXIMUM CONDITIONS
Supply Voltage to Ground Potential ...... –0.5V to 4.6V
DC Input Voltage ........................... VSS – 0.5V to 4.6V
Storage Temperature ........................ –65°C to 150°C
Junction Temperature………………………….. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015)…………..> 2000V
OPERATING CONDITIONS
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Commercial Operating Temperature (ambient temperature)
0
70
C
Industrial Operating Temperature (ambient temperature)
-40
85
C
CL
Load Capacitance, below 100 MHz
―
30
pF
Load Capacitance, above 100 MHz
―
10
pF
CIN
Input Capacitance
―
7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
250
ms
ELECTRICAL CHARACTERISTICS
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
–
0.8
V
VIH
Input HIGH Voltage
2.5
–
V
IIL
Input LOW Current
VIN = 0V
–
50
µA
IIH
Input HIGH Current
VIN = VDD
–
100
µA
VOL
Output LOW Voltage[4]
IOL = 8 mA
IOL = 12 mA
–
0.4
V
VOH
Output HIGH Voltage[4]
IOH = –8 mA
IOL = –12 mA
2.4
–
V
IDD
Supply Current
(Unloaded Outputs)
66.67MHz with unloaded outputs
Commercial Temp.
–
32
mA
66.67MHz with unloaded outputs
Industrial Temp.
–
45
mA
Notes: 4. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com