Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDL-A3A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # JDL-A3A-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JDL-A3A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  JDL-A3A-R Datasheet HTML 1Page - M-System Co.,Ltd. JDL-A3A-R Datasheet HTML 2Page - M-System Co.,Ltd. JDL-A3A-R Datasheet HTML 3Page - M-System Co.,Ltd. JDL-A3A-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: JDL
JDL SPECIFICATIONS
ES-1668 Rev.12 Page 3/4
http://www.m-system.co.jp/
• Thermocouple linearizable range
USABLE RANGE
T/C
°C
°F
(PR)
0 to 1760
32 to 3200
K (CA)
-270 to +1370
-454 to +2498
E (CRC)
-270 to +1000
-454 to +1832
J (IC)
-210 to +1200
-346 to +2192
T (CC)
-270 to +400
-454 to +752
B (RH)
0 to 1820
32 to 3308
R
-50 to +1760
-58 to +3200
S
-50 to +1760
-58 to +3200
Note: For the temperatures that range below 0°C, the
transmitter may partially not satisfy the described accuracy.
Consult factory.
• RTD linearizable range
USABLE RANGE
RTD
°C
°F
JPt 100 (JIS ’89)
-200 to +500
-328 to +932
Pt 100 (JIS ’89)
-200 to +650
-328 to +1202
Pt 100 ( JIS ’97, IEC)
-200 to +650
-328 to +1202
Pt 50 Ω (JIS ’81)
-200 to +500
-328 to +932
Ni 508.4 Ω
-50 to +200
-58 to +392
Note: Pt 100 (JIS ’89) is deviated from Pt 100 (JIS ’97) only
within the described accuracy.
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 3 W (120 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % with segment gain ≤ 1 [±0.1 % × gain]
with segment gain > 1
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com