Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDL-A4F-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JDL-A4F-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JDL-A4F-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JDL-A4F-R Datasheet HTML 1Page - M-System Co.,Ltd. JDL-A4F-R Datasheet HTML 2Page - M-System Co.,Ltd. JDL-A4F-R Datasheet HTML 3Page - M-System Co.,Ltd. JDL-A4F-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: JDL
JDL SPECIFICATIONS
ES-1668 Rev.12 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
CURRENT LOOP SUPPLY
(linearizing; field-programmable)
Functions & Features
• Powering a 4 – 20 mA DC current loop
• Microprocessor based
• Shortcircuit protection
• Applicable to smart transmitters
• Field-programmable linearization data
• Isolation up to 2000 V AC
• Loop testing via hand-held programmer PU-2x
• Highdensity mounting
Typical Applications
• Various 2-wire transmitters
• Providing isolation and linearization for a 2-wire
temperature transmitter
• Linearizing weir flowmeter output to provide a linear-to-
volume signal
• Linearizer application
(4 – 20 mA input)
• Square root extraction for differential pressure transmitter
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: JDL–A[1][2]–[3][4]
ORDERING INFORMATION
• Code number: JDL-A[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. JDL-A1A-B/Q)
• Special output range (For codes Z & 0)
Default setting (following table) will be used if not otherwise
specified.
No linearization data will be programmed if you don't
specify type of linearization and required data.
• Linearization data
Code 1 segment data: Use Ordering Information Sheet (No.
ESU-1669) to specify linearization data.
Code 3 T/C, Code 4 RTD: Specify input sensor type and
temperature range.
• Specify the specification for option code /Q
(e.g. /C01/S01)
LINEARIZATION CODE
DEFAULT
r
a
e
n
i
L
a
t
a
d
t
n
e
m
g
e
S
:
1
2: Square root extraction
–––
3: Thermocouple
K
0 – 1000°C
0
0
1
–
0
0
0
1
t
P
D
T
R
:
4
°C
INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
[1] LINEARIZATION
0: None
1: Segment data
2: Square root extraction
3: Thermocouple
4: RTD
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)


Similar Part No. - JDL-A4F-R

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
JDL YHDC-JDL Datasheet
5Mb / 1P
Monitoring relay
logo
TE Connectivity Ltd
JDL082397 TEC-JDL082397 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
Schneider Electric
JDL26150 SCHNEIDER-JDL26150 Datasheet
167Kb / 3P
PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 14 kA at 600 VAC
Aug 6, 2020
JDL26150C SCHNEIDER-JDL26150C Datasheet
65Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 14 kA at 600 VAC
Aug 6, 2020
JDL26150SA SCHNEIDER-JDL26150SA Datasheet
65Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 150 A, 2P, 14 kA at 600 VAC
Sep 14, 2020
More results

Similar Description - JDL-A4F-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com