Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4502 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4502
Description  Silicon NPN epitaxial planer type(For mtermediate frequency amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4502 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4502 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4502 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4502
Silicon NPN epitaxial planer type
For mtermediate frequency amplification
s Features
q
High transition frequency fT.
q
Large collector power dissipation PC.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT2 Type Package
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1
Symbol
VCBO
VCEO
VEBO
IC
PC
*
Tj
Tstg
Ratings
50
45
4
50
1
150
–55 ~ +150
Unit
V
V
V
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Common emitter reverse transfer capacitance
Power gain
Symbol
ICBO
VCBO
VCEO
VEBO
hFE
VCE(sat)
fT
Cre
PG
Conditions
VCB = 20V, IE = 0
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 10µA
IC = 20mA, IB = 2mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = –1mA, f = 10.7MHz
VCB = 10V, IE = –10mA, f = 58MHz
min
50
45
4
20
300
22
typ
max
100
100
0.4
1.5
30
Unit
nA
V
V
V
V
MHz
pF
dB
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
–
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)


Similar Part No. - 2SC4502

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4500 HITACHI-2SC4500 Datasheet
31Kb / 6P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC4500 RENESAS-2SC4500 Datasheet
147Kb / 7P
Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SC4500L HITACHI-2SC4500L Datasheet
31Kb / 6P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC4500L RENESAS-2SC4500L Datasheet
147Kb / 7P
Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SC4500S HITACHI-2SC4500S Datasheet
31Kb / 6P
Silicon NPN Epitaxial
More results

Similar Description - 2SC4502

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4787 PANASONIC-2SC4787 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For intermediate frequency amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com