Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD10 Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD10
Description  Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD10 Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD10 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD10 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 5
LEDD10_24_P – Rev. 2018-1.2
Specifications subject to change without notice.
LEDD10_24_P Series
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PWM dimming control
Recommended AC input circuit
For PWM dimming signals with a certain frequency, the output current of
the driver is related to the duty ratio of PWM signal. Refer to the
formula for the calculation method:
Note: The formula is for reference only; and deviation of output current
may exist due to various loads. The min. conducted time of PWM signal
shall not be less than 0.8ms, or the product will be in abnormal operati-
on; in case of low voice from the driver during PWM dimming, it is normal
since the PWM dimming frequency is within the auditory frequency range
of human ears (20Hz-20KHz in general). To prevent seeing flash of the
LED by human eyes, it is suggested to set the PWM dimming frequency
between 100-200Hz.
Note: Add circuit ① may let the ESD level of PWM-control pin reach to ±6KV.
EMC solution-recommended circuit
Components
Specifications
Tvs
SMC51A,1500W (ON)
L1
CD53-82µH (CEAIYA)
C1
470µF/100V (NCC)
C2
225K/50V 1210 X7R (TORCH)
C3
104K/50V 0805 X7R (TORCH)
C4
105K/50V 1210 X7R (TORCH)
C5
102K/2000V 1210 (TDK))
choose or no)
C6
470pF/100V 0805 (TORCH)
R1
680Ω
0805 (can be
replaced by inductance or
magnetic bead)
Components
Specifications
C1
X1 Safety capacitor,
0.1µF /300VAC (QIYA)
C2
100µF /63V Electrolytic
capacitor, 10×16 (Flat surface)
NCC
D1, D2, D3,
D4
Rectifier diode
1N4007 1A/1000V
D0-41(PANJIT)
LEDD10_24_P
LEDD10_24_P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com