Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD16 Datasheet(PDF) 6 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD16
Description  Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD16 Datasheet(HTML) 6 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD16_24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD16_24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD16_24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD16_24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD16_24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDD16_24 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 6 of 6
LEDD16_24 – Rev. 2018-1.2
Specifications subject to change without notice.
LEDD16_24 Series
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
Mechanical dimensions and footprint
Note
1. Reversed power source damages the circuit, No connection is allowed between
input ground and output.
2. DO NOT operate the driver over 24W output.
3. Leave pin VADJ open if not in use,ground pin to shut down the converter.
Connecting Vadj to Vin damages the circuit.
4. Maximum output open voltage is equal to input voltage
5. Input filter components (C1, L, C2) are used to help meet conducted emissions
requirement for the module.
6. For the compliance with IEC61000-4-5, a TVS is thus recommended to be
installed in from of the input filter, the reference model: 3.0SMCJ24A or
SMCJ24A (TVS Max Clamping Voltage @ Max Peak Pulse, Current VC (V) ≤ 40V)
Note:
All dimensions are typical in millimeters (inches).
1. Pin diameter: 0.5±0.05 (0.02±0.002)
2. Pin pitch and length tolerance: ±0.35 (±0.014)
3. Case Tolerance: ±0.5 (±0.02)
No connection is allowed between input and
output
Pin
Connections
1, 2
-V Input
-DC supply
3
VADJ
PWM/ON/OFF
or not used
7, 8
-V Output
LED Cathode
Connection
9, 10
+V Output
LED Anode
Connection
15, 16
+V Input
+DC Supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com