Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT16 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDT16
Description  Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDT16 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  LEDT16_24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDT16_24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDT16_24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDT16_24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDT16_24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDT16_24 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 6
LEDT16_24 – Rev. 2018-1.1
Specifications subject to change without notice.
LEDT16_24 Series
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
EMC recommended circuit
EMI/RFI conducted EN55022 recommended circuit
EMI/EMC recommended circuit
Note:
1. DIM pin is the module’s PWM dimming pin as shown in EMI/EMC recommended circuit.
2. While adding circuit 2 , it may extend the PWM dimming output reaction time.
EMI/EMC standard:
Item
Standard
Level
Predicate
Remark
EMI conducted
EN 55015
Power port
Qualification
Add external circuit 1
ESD
IEC
61000-4-2:2001
Level 2
B
±4KV
Add external circuit 2
Surge
IEC
61000-4-5:2004
Level 2
B
±1KV
Add external circuit 1
EFT
IEC
61000-4-4:2004
Level 2
B
±1KV
Add external circuit 1
1. 24V input series, 24V output series is subject to CY (CY : 1nF/2KV).
2. It is not needed to add the component in the peripheral circuit when
parameter with the symbol of „--“.
Recommended parameter:
Components
Specifications
Tvs
SMCJ48A,1500W(Bringtking(
LCM
6.8µH CD43(
CEAIYA(
C0
470µF/50V( CapXon(
C1
4.7µF/50V
1210 (TORCH)
C2
2.2µF/50V
1210 (TORCH)
C3
470pF/100V 0805 (TORCH)
R1
680Ω
0805 (can replaced by
inductance or magnetic bead)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com