Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDW10 Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDW10
Description  Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDW10 Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  LEDW10_24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDW10_24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDW10_24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDW10_24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDW10_24 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDW10_24 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 6
LEDW10_24 – Rev. 2018-1.1
Specifications subject to change without notice.
LEDW10_24 Series
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PWM dimming control
For PWM dimming signals with a certain frequency, the output current
of the driver is related to the duty ratio of PWM signal. Refer to the
formula for the calculation method:
Where, Io_set represents required output current (mA); D represents the
duty ratio (%) of PWM signal; T represents the period (ms) of PWM sig-
nal; and Io_norm represents the rated output value (mA) of the driver.
Note: The formula is for reference only; and deviation of output cur-
rent may exist due to various loads. The min. conducted time of PWM
signal shall not be less than 0.8ms, or the product will be in abnormal
operation; in case of low voice from the driver during PWM dimming, it
is normal since the PWM dimming frequency is within the auditory fre-
quency range of human ears (20Hz-20KHz in general). To prevent seeing
flash of the LED by human eyes, it is suggested to set the PWM dimming
frequency between 100-200Hz.
EMI/RFI conducted EN55022 Class B recommended circuit
Components
Specifications
C1
225K/50V 1210 ×7R (TORCH)
C2, C4
104K/50V 1210 ×7R (TORCH)
L1
PI043-131MT (SHENZHEN
CEAIYA)
Note:
The voltage drop of all LEDs in the datasheet is 3.3-3.8V(during actual application, the number
of LEDs can be confirmed based on the actual voltage drop and output voltage of LEDs.
This product does not support hot-Plug use.
Analogue dimming control and application sample
Analogue dimming circuit
Analogue input voltage and output current
LEDW10_24-xxx
LEDW10_24-xxx
LEDW10_24-xxx



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com