Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LA1
Description  Glass passivated device Ideal for surface mouted applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LA1 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LA1 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LA1 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: JEDEC SOD-123FL molded plastic body over passivated chip
Terminals: Solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.006 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Note:
3.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
SYMBOLS
100
70
100
400
280
400
200
140
200
600
420
600
800
560
800
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
25.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (NOTE 2)
IR
10.0
50.0
R
θJA
CJ
TJ,TSTG
180
4
-55 to +150
Typical thermal resistance (NOTE 3)
UNITS
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
pF
C
A
µ
K/W
LA2
TL=25 C
50
35
50
LA1
1000
700
1000
LA3
LA4
LA5
LA6
LA7
GAOMI FEI SHI LONG DA ELECTRONICS Co.,Ltd
高 密 飞 仕 龙 达 电 子 有 限 公 司 
SOD-123FL
Dimensions in inches and (millimeters)
2.7 0.2
Cathode Band
Top View
0.7 0.25
-8
LA1-LA7
Rev :
www.leiditech.com
01.06.2015
1/2


Similar Part No. - LA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA1 ETC2-LA1 Datasheet
72Kb / 2P
High Power Leaded Chip Attenuators
logo
Sensata Technologies, I...
LA10-08-000A SENSATA-LA10-08-000A Datasheet
131Kb / 2P
C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA10-12-027A SENSATA-LA10-12-027A Datasheet
131Kb / 2P
C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
LEM
LA10-PB LEM-LA10-PB Datasheet
24Kb / 2P
Current Transducer LA 03~20-PB
LA10-PB LEM-LA10-PB Datasheet
183Kb / 3P
Current Transducer
More results

Similar Description - LA1

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
A-1 GXELECTRONICS-A-1 Datasheet
382Kb / 2P
Glass passivated device
A1 GXELECTRONICS-A1 Datasheet
527Kb / 2P
Glass passivated device
logo
Vishay Siliconix
SMBJ5.0A_THRU_188A VISHAY-SMBJ5.0A_THRU_188A Datasheet
95Kb / 5P
Low profile package, Ideal for automated placement, Glass passivated chip junction
10-Dec-12
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
Ideal for high vibration applications
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
Ideal for marine applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
Ideal for current sensing applications
logo
Hi-Sincerity Mocroelect...
HSK07M HSMC-HSK07M Datasheet
198Kb / 4P
Glass passivated device
logo
SHIKUES Electronics
BAV19W SKTECHNOLGY-BAV19W Datasheet
559Kb / 3P
For surface mounted applications, Glass Passivated Chip Junction
BAV19WL SKTECHNOLGY-BAV19WL Datasheet
427Kb / 3P
For surface mounted applications, Glass Passivated Chip Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com