Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDW10 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDW10
Description  Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDW10 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  LEDW10 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
LEDW10_24_A – Rev. 2018-1.1
Specifications subject to change without notice.
Part Number
Input Voltage [VDC]
Nominal (Range)
Output Voltage
[VDC]
Output Current
[mA]
Max. capacitive load
[µF]
Efficiency
[%, typ]
LEDW10_24-300A
24 (5.5-48)
3.3-36
0-300
1000
96
LEDW10_24-350A
24 (5.5-48)
3.3-36
0-350
1000
96
LEDW10_24-500A
24 (5.5-48)
3.3-36
0-500
1000
96
LEDW10_24-600A
24 (5.5-48)
3.3-36
0-600
1000
96
LEDW10_24-700A
24 (5.5-48)
3.3-36
0-700
1000
96
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
300
10.80
36
3.3-32.0
300
9.60
24
3.3-21.0
300
6.30
20
3.3-17.0
300
5.10
15
3.3-13.2
300
3.96
12
3.3-10.0
300
3.00
5.5
3.3-4.0
300
1.20
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
350
12.60
36
3.3-32.0
350
11.20
24
3.3-21.0
350
7.35
20
3.3-17.0
350
5.95
15
3.3-13.2
350
4.62
12
3.3-10.0
350
3.50
5.5
3.3-4.0
350
1.40
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
500
18.00
36
3.3-32.0
500
16.00
24
3.3-21.0
500
10.50
20
3.3-17.0
500
8.50
15
3.3-13.2
500
6.60
12
3.3-10.0
500
5.00
5.5
3.3-4.0
500
2.00
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
600
21.60
36
3.3-32.0
600
19.20
24
3.3-21.0
600
12.60
20
3.3-17.0
600
10.20
15
3.3-13.2
600
7.92
12
3.3-10.0
600
6.00
5.5
3.3-4.0
600
2.40
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
700
25.20
36
3.3-32.0
700
22.40
24
3.3-21.0
700
14.70
20
3.3-17.0
700
11.90
15
3.3-13.2
700
9.24
12
3.3-10.0
700
7.00
5.5
3.3-4.0
700
2.80
LEDW10_24_A Series
Constant current power LED Driver with analogue dimming - Wide Input -
Non-Isolated & Regulated
Input vs. Output
EMC specifications
EMI
Conducted disturbance
EN55022 /CISPR22
CLASS B
EN55015 power port*
EMI
Radiated Emission
EN55022 /CISPR22
CLASS B*
EMS
Electrostatic Discharge
IEC/EN61000-4-2
Contact ±2KV
perf. Criteria B
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B*
EMS
Radiation Immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±1KV
perf. Criteria B*
EMS
Surge Immunity
IEC/EN61000-4-5
±1KV
perf. Criteria B*
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Immunities of voltage dip, drop and
short interruption
IEC/EN61000-4-29
0%-70%
perf. Criteria B
* Refer to EMC solution-recommended circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com