Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDW10 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDW10
Description  Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDW10 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LEDW10 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
LEDW10_24_P – Rev. 2018-1.1
Specifications subject to change without notice.
LEDW10_24_P Series
Constant current power LED Driver with PWM dimming - Wide Input -
Non-Isolated & Regulated
Ultra wide range voltage
input (5.5-48VDC)
High efficiency up to 96%
Short Circuit Protection (SCP)
Remote ON/OFF
Lead wire package, simple
and convenient
Waterproof Level IP67
With large capacitive loads
(1000µF)
AC-DC, EMC recommended
circuit
PWM dimming
Low ripple & noise (<100mV)
RoHS Compliance
LED Driver
The LEDW10_24 is a high-power LED driver designed for the step-down constant
current source. With high efficiency, wide input voltage range, high-temperature
environment, functional and so on. Contains a PWM dimming and remote shut-
down capabilities.
It can be widely used in backlight and 12V, 24V, 36V landscape lighting, special
lighting controls, commercial lighting, street lighting, home lighting, automoti-
ve lighting and other lighting systems. Use of lead type package, allowing custo-
mers to use more convenient.
PWM dimming and ON/OFF control (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
Remote ON/OFF
• ON
• OFF (shutdown)
Open or 2.8V<Vc<6V
Vc<0.6V
Suspended voltage
Vin=24V, 5LEDs
3.3
V
Turn-off-mode sta-
tic input current
Vin=24V, Vc <0.6V
400
µA
Isink
Vc=5V, Vin=24V, 5LEDs
1
mA
Isourse
Vc<0.6V, Vin=24V, 5LEDs
1
mA
PWM frequency*
refer to PWM dimming
control
200
Hz
*Refer to “PWM Dimming Control”
Specifications
Item
Test condition
Min
Typ
Max
Units
Input voltage limit
≤10 seconds
5
55
VDC
Input voltage range
5.5
24
48
VDC
Min. Input-output
Voltage Drop
Vin=5.5~48V, 1~10LEDs
2
4
VDC
Input filter
Capacitor
Internal power
dissipation
Vin=24V, 5LEDS
700
mW
Output voltage
range
Vin=48V
3.3
36
VDC
Output power
• Io: 300mA
• Io: 350mA
• Io: 500mA
• Io: 600mA
• Io: 700mA
0.99
1.16
1.65
1.98
2.31
10.8
12.6
18
21.6
25.2
W
W
W
W
W
Output current
accuracy
±2
±5
%
Output current
stability
Vin=48V, Vo=3.3V~36V
±1
%
Temperature
coefficient
-40°C to +71°C
ambient
±0.015
%/°C
Ripple & Noise*
20MHz bandwidth
100
mV
Thermal impedance
60
°C/W
Short circuit
protection
Continuous,
automatic recovery
Operating tempera-
ture range
• 300mA/350mA
• 500mA/600mA/
700mA
-40
-40
85
71
°C
°C
Storage tempera-
ture
-55
105
°C
Maximum case
temperature
100
°C
Lead temperature
1.5mm away from the
casing, 10 seconds
265
°C
Humidity
95
%
Switching frequency
320
370
420
kHz
MTBF
MIL-HDBK-217F(+25°C)
1500
Case Material
Epoxy Resin (UL94-V0)
Dimensions
22.30*12.55*9.10
mm
Weight
8.2
g
* Ripple and noise tested with “parallel cable” method, please see DC-DC
Converter Application Notes for specific operation methods.
Model selection:
LEDC_xx-###
LED=Type; C=Case; yy=Vin; ###= Output Current
Example:
LEDW10_24-300P
LED= Series W= wired; yy= 24VDC nominal; 300= 0,3A;
P= PWM dimming
Note:
1. If the product is not operated within the required load range, the product
performance cannot be guaranteed to comply with all parameters in the
datasheet;
2. The maximum capacitive load offered were tested at nominal input voltage
and full load;
3. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta = 25°C, humidity <75% with nominal input voltage and
rated output load;
4. All index testing methods are based on our Company’s corporate standards;
5. We can provide product customization service;
6. Specifications are subject to change without prior notice.


Similar Part No. - LEDW10

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10_24 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10_24-300 GAPTEC-LEDW10_24-300 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDW10

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD16 GAPTEC-LEDD16 Datasheet
2Mb / 6P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com