Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4543 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4543
Description  Silicon NPN epitaxial planer type(For video amplifier)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4543 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4543 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4543 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC4543
Silicon NPN epitaxial planer type
For video amplifier
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob.
q
Wide current range.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCER
*1
VCEO
VEBO
ICP
IC
PC
*2
Tj
Tstg
Ratings
110
100
50
3.5
300
150
1.0
150
–55 ~ +150
Unit
V
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICEO
VCBO
VCER
VCEO
VEBO
hFE
VCE(sat)
fT1
fT2
Cob
Conditions
VCE = 35V, IB = 0
IC = 100µA, IE = 0
IC = 500µA, RBE = 470Ω
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 5V, IC = 100mA
*
IC = 150mA, IB = 15mA
*
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = –110mA
*, f = 200MHz
VCB = 30V, IE = 0, f = 1MHz
min
110
100
50
3.5
20
typ
300
350
3
max
10
0.5
Unit
µA
V
V
V
V
V
MHz
MHz
pF
* Pulse measurement
Marking symbol :
1F
*1 R
EB = 1.2kΩ
*2 Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion


Similar Part No. - 2SC4543

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4543 KEXIN-2SC4543 Datasheet
50Kb / 1P
Silicon NPN Epitaxial Planar Type
More results

Similar Description - 2SC4543

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3526 PANASONIC-2SC3526 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For display video output)
2SC3611 PANASONIC-2SC3611 Datasheet
70Kb / 4P
Silicon NPN epitaxial planar type(For video amplifier)
2001 MAR
2SC3943 PANASONIC-2SC3943 Datasheet
43Kb / 2P
Silicon NPN epitaxial planar type(For video amplifier)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com