Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS2V2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KS2V2
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KS2V2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KS2V2 Datasheet HTML 1Page - M-System Co.,Ltd. KS2V2 Datasheet HTML 2Page - M-System Co.,Ltd. KS2V2 Datasheet HTML 3Page - M-System Co.,Ltd. KS2V2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: KS2V2
KS2V2 SPECIFICATIONS
ES-3608 Rev.10 Page 1/4
https://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
DC INPUT LIMIT ALARM
(digital adjustments; dual alarm trip; burnout)
Functions & Features
• Providing relay contact closures at preset DC input levels
• Dual (Hi/Lo) trip
• Front digital displays
• Programmable with front keys
Typical Applications
• Various alarm applications
50 (1.97)
110 (4.33)
70 (2.76)
mm (inch.)
MODEL: KS2V2–61–[1][2]
ORDERING INFORMATION
• Code number: KS2V2-61-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. KS2V2-61-R/Q)
• Specify the specification for option code /Q
(e.g. /SET)
INPUT
Voltage
6: 1 – 5 V DC
(Use a resistor module for current input)
OUTPUT
1: Relay; SPDT or transfer contact
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-3608)
RELATED PRODUCTS
• Resistor module (model: REM)
500 Ω for 2 – 10 mA DC
250 Ω for 4 – 20 mA DC
100 Ω for 10 – 50 mA DC


Similar Part No. - KS2V2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KS2V3 MSYSTEM-KS2V3 Datasheet
143Kb / 4P
Plug-in Signal Conditioners K-UNIT
KS2V3-61-M2 MSYSTEM-KS2V3-61-M2 Datasheet
143Kb / 4P
Plug-in Signal Conditioners K-UNIT
KS2V3-61-M2/Q MSYSTEM-KS2V3-61-M2/Q Datasheet
143Kb / 4P
Plug-in Signal Conditioners K-UNIT
KS2V3-61-R MSYSTEM-KS2V3-61-R Datasheet
143Kb / 4P
Plug-in Signal Conditioners K-UNIT
KS2V3-61-R/Q MSYSTEM-KS2V3-61-R/Q Datasheet
143Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KS2V2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com