Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS2TR2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KS2TR2
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KS2TR2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KS2TR2 Datasheet HTML 1Page - M-System Co.,Ltd. KS2TR2 Datasheet HTML 2Page - M-System Co.,Ltd. KS2TR2 Datasheet HTML 3Page - M-System Co.,Ltd. KS2TR2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: KS2TR2
KS2TR2 SPECIFICATIONS
ES-3606 Rev.6 Page 2/4
https://www.m-system.co.jp/
DISPLAY
Display: 4 digits of 10 mm (.39”) height, 7-segment LED
Scaling range: -1999 to 9999 counts
Measured Value (PV)/Alarm (SET1) display: Red LEDs
Alarm (SET2) parameter display: Green LEDs
PV display at abnormal input: Over range or under range
displayed
Front LEDs
Power indicator: Green LED turns on while the power is
turned on.
Measured Value (PV) indicator: Green LED turns on when PV
display is set.
Alarm SET1 indicator: Red LED turns on when the Alarm
SET1 is in tripped conditions.
Alarm SET2 Indicator: Red LED turns on when the Alarm
SET2 is in tripped conditions.
Engineering unit indication: Sticker label attached; ℃, °F,
etc.
INPUT SPECIFICATIONS
• Thermocouple
Thermocouple type and temperature range
J (IC) : (0 to 400°C or 32 to 752°F)
J (IC) : (0 to 800°C or 32 to 1472°F)
K (CA) : (0 to 400°C or 32 to 752°F)
K (CA) : (0 to 800°C or 32 to 1472°F)
K (CA) : (0 to 1200°C or 32 to 2192°F)
R : (0 to 1600°C or 32 to 2912°F)
B (RH) : (0 to 1800°C or 32 to 3272°F)
S : (0 to 1600°C or 32 to 2912°F)
T (CC) : (-199 to 200°C or -328 to 392°F)
T (CC) : (-150 to 400°C or -238 to 752°F)
E (CRC) : (0 to 800°C or 32 to 1472°F)
E (CRC) : (-199 to 800°C or -328 to 1472°F)
N : (0 to 1300°C or 32 to 2372°F)
P (Platinel Ⅱ) : (0 to 1300°C or 32 to 2372°F)
C (WRe 5-26) : (0 to 2300°C or 32 to 4172°F)
Input resistance: ≥ 1 MΩ
Burnout sensing: Approx. 0.3 μA
■ RTD
RTD type and temperature range:
Pt 100 (JIS '97, IEC): (-150 to +850°C or -238 to +1562°F)
JPt 100 (JIS '89): (-150 to +600°C or -238 to +1112°F)
Sensing current: Approx. 0.3 mA
Maximum leadwire resistance: 20 Ω per wire
OUTPUT SPECIFICATIONS
■ Relay Contact: SPDT relays
220 V AC @3 A (cos ø = 1)
30 V DC @3 A (resistive load)
Caution: N.O. and N.C. contacts could be conductive at the
same time. DO NOT connect both contacts at the same
time.
Maximum switching voltage: 220 V AC or 30 V DC
Maximum switching power: 660 VA or 90 W
Minimum load: 10 V DC @1 mA
Mechanical life: 2 × 107 cycles with no loads
For maximum relay life with inductive loads, external
protection is recommended.
INSTALLATION
Power consumption
•AC:
≤ 5 VA at 100 V
≤ 6 VA at 200 V
≤ 6 VA at 264 V
•DC: ≤ 2.5 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting with attached
mounting bracket, surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE
Display accuracy
•Thermocouple: ±0.5 % FS ± 1 digit ± 3°C (5.4°F)
±1 % FS ± 1 digit ± 3°C (5.4°F) for T, E (≤ -100°C, ≤ -148
°F)
±5 % FS ± 1 digit ± 3°C (5.4°F) for B (0 – 500°C, 32 –
932°F)
±1 % FS ± 1 digit ± 3°C (5.4°F) for R (0 – 400°C, 32 –
752°F)
(In case of type B thermocouple the accuracy near 0°C may
be degraded due to the characteristic of the sensor.)
•RTD: ±0.5 % FS ± 1 digit
Setpoint accuracy: Display accuracy ± 0.1 % FS
Trip point repeatability: Included in the setpoint accuracy
Cold junction compensation error: ±3°C at 25 ±5°C (±5.4°F
at 77 ±9°F)
Burnout response: Approx. 10 sec.
Line voltage effect: Included in the display accuracy
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(input to SET1 or SET2 to power)
500 V AC @1 minute (SET1 to SET2)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com