Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS2V3-61-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # KS2V3-61-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KS2V3-61-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  KS2V3-61-R Datasheet HTML 1Page - M-System Co.,Ltd. KS2V3-61-R Datasheet HTML 2Page - M-System Co.,Ltd. KS2V3-61-R Datasheet HTML 3Page - M-System Co.,Ltd. KS2V3-61-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: KS2V3
KS2V3 SPECIFICATIONS
ES-3603 Rev.5 Page 4/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
5
6
7
8
2
1
11
10
3
9
4
[3.5] (.14)
110 (4.33)
7.5
(.3)
48 (1.89)
t
1 ≤ t ≤ 8
(.04 ≤ t ≤.31)
MOUNTING
BRACKET
71.5 (2.81)
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
1 1–M3.5
SCREW
PACKING
PANEL
1.5 (.06)
PANEL CUTOUT unit: mm
■PANEL CUTOUT
45
+0.5
0
63 MIN.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Display/
Setting
A/D
Converter
+
INPUT
7
8
10
11
9
2
3
1
N.C.
N.O.
COM
SET1
N.C.
N.O.
COM
SET2
U(+)
V(–)
POWER
RY
RY
Base Socket
5
6
4
Digital
Computation
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com