Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6015P Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6015P
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6015P Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6015P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6015P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6015P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. FEATURES
●
Low Profile DFN 2.0x2.0x0.62 mm for Board Space Saving
●
Ultra Low RDS(on)
●
●
2.APPLICATIONS
●
●
3. ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC unless otherwise stated)
V
V
A
A
ºC
PD
1.7
3.8
TJ , TSTG
W
ºC
ID
-6
IDM
16
TL
260
Parameter
Symbol
Limits
Unit
+150
Drain−to−Source Voltage
VDSS
-18
Gate−to−Source Voltage
VGS
±8
−55 ~
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
This is a Pb-Free Device
Device
Marking
Shipping
LM6015P
32
3000/Tape&Reel
We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
Battery Switch
High Side Load Switch
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
Operating Junction and Storage
Power Dissipation (Note 1)
Pulsed Drain Current (tp = 10 µs)
Drain Current (Note 1)Steady State
Temperature Range
t < 7 s
Steady State
LCE P-Channel Enhancement Mode Power MOSFET
LM6015P
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - LM6015P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM601 SEOUL-LM601 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM601 SEOUL-LM601 Datasheet
360Kb / 13P
CYAN LAMP LED
LM601 SEOUL-LM601 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM601 SEOUL-LM601 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM601 SEOUL-LM601 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM6015P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE15P25JK LEIDITECH-LCE15P25JK Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE55P15K LEIDITECH-LCE55P15K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE60P65K LEIDITECH-LCE60P65K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE60P04SN LEIDITECH-LCE60P04SN Datasheet
946Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2301B LEIDITECH-LCE2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
LM2D16P01 LEIDITECH-LM2D16P01 Datasheet
994Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM3D45P02 LEIDITECH-LM3D45P02 Datasheet
790Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM8S12P03 LEIDITECH-LM8S12P03 Datasheet
958Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LM4801 LEIDITECH-LM4801 Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LMFB30P10K LEIDITECH-LMFB30P10K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com