Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8012P Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM8012P
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM8012P Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM8012P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8012P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8012P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8012P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8012P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM8012P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES(Con.)
Threshold Voltage
On-Resistance Variation with
Temperature
Drain-to-Source Leakage
Current vs. Voltage
Diode Forward Voltage vs. Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50 -25
0
25
50
75
100 125 150
Tj Temperature(℃)
ID=250uA
0.1
1
10
0
0.5
1
1.5
VSD Diode Forward Voltasge (V)
-55ºC
125ºC
25ºC
2.0E-08
2.0E-07
2.0E-06
2.0E-05
2.0E-04
2
7
12
17
22
VDS,Drain-to-Source Voltage (V)
85ºC
125ºC
0.015
0.020
0.025
0.030
0.035
-50
-25
0
25
50
75
100
125
150
Tj Temperature (℃)
VGS=4.5V
ID=4.0A
LM8012P
Rev :
www.leiditech.com
01.06.2019
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com