Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP-2E-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KSP-2E-R
Description  Plug-in Signal Conditioners K-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSP-2E-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KSP-2E-R Datasheet HTML 1Page - M-System Co.,Ltd. KSP-2E-R Datasheet HTML 2Page - M-System Co.,Ltd. KSP-2E-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: KSP
KSP SPECIFICATIONS
ES-3572-ME Rev.3 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
LOW FREQUENCY TRANSMITTER
(50 Hz minimum, for Mitsubishi inverter)
Functions & Features
• Converting the pulse output from FM terminal of
Mitsubishi inverter into standard process signal
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Proximity switches
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
K-UNIT
MODEL: KSP-2[1]-[2]-ME
ORDERING INFORMATION
• Code number: KSP-2[1]-[2]-ME
Specify a code from below for each of [1] and [2].
(e.g. KSP-2A-B-ME)
• Frequency range (e.g. 0 – 1440 Hz)
INPUT
2: Voltage pulse
[1] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Input pulse sensing: DC coupled standard
Input filter: CR filter incorporated
(C = 3.3 nF, R = 10 kΩ; parallel connection)
Low-end cutout: 2 to 5 %
Applicable inverter:
Mitsubishi electric FREQROL series: A024, A200,
A500, A700, A800, D700, E500, E700, F400, F500, F700,
F700PJ, F800, S500, U100, B, B3
Mitsubishi electric MELTRAC series: A100, A200,
V200
Note) Do NOT connect other devices except the transmitter
to the inverter's FM terminal. Do NOT bundle the FM and
motor wirings.
INPUT SPECIFICATIONS
Frequency range: 0 – 50 Hz through 0 - 1440 Hz
Pulse width (time) requirement: ≥ 280 μsec. (Hi and Lo)
■ Voltage Pulse
Waveform: Square
Input amplitude: VH 4 ±0.7 - 50 V, VL 1 ± 0.7 V
Input impedance: ≥ 7 kΩ (for 9 V DC pulse)


Similar Part No. - KSP-2E-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KSP-21-B MSYSTEM-KSP-21-B Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-21-B/DN MSYSTEM-KSP-21-B/DN Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-21-B/Q MSYSTEM-KSP-21-B/Q Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-21-C MSYSTEM-KSP-21-C Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSP-21-C/DN MSYSTEM-KSP-21-C/DN Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KSP-2E-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com