Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK1012C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1012C
Description  N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1012C Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012C Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012C Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012C Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTK1012C
2021. 03. 03
2/4
Revision No : 0
ti
n
U
.
x
a
M
.
p
y
T
.
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Drain-Source Breakdown Voltage
at ID = 250 µA
BVDSS
20
-
-
V
Gate-Source Threshold Voltage
at VDS = VGS, ID = 250 µA
VGSth
0.5
-
0.95
V
Drain-Source Leakage Current
at VDS = 20 V
IDSS
-
-
1
µA
Gate Leakage Current
at VGS = ± 8 V
at VGS = ± 4.5 V
IGSS
-
-
-
-
± 2
± 0.5
µA
Drain-Source On-State Resistance
at VGS = 4.5 V, ID = 0.5 A
at VGS = 2.5 V, ID = 0.4 A
at VGS = 1.8 V, ID = 0.1 A
RDS(on)
-
-
-
-
-
-
380
620
1100
mΩ
Forward Transconductance
at VDS = 10 V, ID = 0.2 A
│gFS│
-
1.6
-
S
Input Capacitance
at VGS = 0 V, VDS = 10 V, f = 1 MHz
Ciss
-
-
83
pF
Output Capacitance
at VGS = 0 V, VDS = 10 V, f = 1 MHz
Coss
-
15
-
pF
Reverse Transfer Capacitance
at VGS = 0 V, VDS = 10 V, f = 1 MHz
Crss
-
7
-
pF
Turn-On Delay Time
at VGS = 4.5 V, VDS = 10 V, RL = 250 Ω, RG = 6 Ω
ton
-
-
12
ns
Turn-On Rise Time
at VGS = 4.5 V, VDS = 10 V, RL = 250 Ω, RG = 6 Ω
tr
-
4
-
ns
Turn-Off Delay Time
at VGS = 4.5 V, VDS = 10 V, RL = 250 Ω, RG = 6 Ω
toff
-
-
172
ns
Turn-Off Fall Time
at VGS = 4.5 V, VDS = 10 V, RL = 250 Ω, RG = 6 Ω
toff
-
31
-
ns
Diode Forward Voltage
at IS = 0.3 A, VGS = 0 V
VSD
0.48
-
1.2
V
Electrical Characteristics( Ta = 25℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com