Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAPU-162J Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KAPU-162J
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KAPU-162J Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KAPU-162J Datasheet HTML 1Page - M-System Co.,Ltd. KAPU-162J Datasheet HTML 2Page - M-System Co.,Ltd. KAPU-162J Datasheet HTML 3Page - M-System Co.,Ltd. KAPU-162J Datasheet HTML 4Page - M-System Co.,Ltd. KAPU-162J Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: KAPU
KAPU SPECIFICATIONS
ES-3582 Rev.13 Page 3/5
http://www.m-system.co.jp/
SW No.
SPAN RANGE
MIN. (50%)
MAX. (100%)
0
1
2
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
• Middle Range Frequency Open Collector &
5V Pulse
3
4
5
Not Used
Not Used
0 – 156 Hz
Not Used
Not Used
0 – 312 Hz
6
7
8
0 – 78 Hz
0 – 39 Hz
0 – 20 Hz
0 – 156 Hz
0 – 78 Hz
0 – 39 Hz
9
A
B
0 – 10 Hz
0 – 5 Hz
0 – 2.5 Hz
0 – 20 Hz
0 – 10 Hz
0 – 5 Hz
C
D
E
0 – 1.25 Hz
0 – 36 pulses/min.
0 – 18 pulses/min.
0 – 2.5 Hz
0 – 1.25 Hz
0 – 36 pulses/min.
F
0 – 9 pulses/min.
0 – 18 pulses/min.
SW No.
SPAN RANGE
MIN. (50%)
MAX. (100%)
0
1
2
0 – 65 pulses/min.
0 – 32 pulses/min.
0 – 16 pulses/min.
3
4
5
0 – 8 pulses/min.
0 – 4 pulses/min.
0 – 2 pulses/min.
6
7
8
0 – 1 pulses/min.
0 – 0.5 pulses/min.
0 – 0.25 pulses/min.
9
A
B
0 – 8 pulses/hour
0 – 4 pulses/hour
0 – 2 pulses/hour
C
D
E
0 – 1 pulses/hour
0 – 0.5 pulses/hour
0 – 0.24 pulses/hour
F
0 – 0.12 pulses/hour
• Relay Contact, Low-Freq. Open Collector &
5V Pulse, 24V Pulse
0 – 130 pulses/min.
0 – 65 pulses/min.
0 – 32 pulses/min.
0 – 16 pulses/min.
0 – 8 pulses/min.
0 – 4 pulses/min.
0 – 2 pulses/min.
0 – 1 pulses/min.
0 – 0.5 pulses/min.
0 – 0.25 pulses/min.
0 – 8 pulses/hour
0 – 4 pulses/hour
0 – 2 pulses/hour
0 – 1 pulses/hour
0 – 0.5 pulses/hour
0 – 0.24 pulses/hour
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: operational voltage range: rating ±10 %
(ripple 10 %p-p max.)
approx. 2 W (70 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.25 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com