Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5437101 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5437101
Description  Printed-circuit board connector - BCDH-508H-11 GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5437101 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5437101 Datasheet HTML 1Page - PHOENIX CONTACT 5437101 Datasheet HTML 2Page - PHOENIX CONTACT 5437101 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5437101
11/13/2014   Page 1 / 3
Printed-circuit board connector - BCDH-508H-11 GY - 5437101
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 11, Pitch: 5.08 mm, Color:
signal grey, Contact surface: Tin, Mounting: Soldering
The figure shows a 5-pos. version of
the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
22.1 mm
Pitch
5.08 mm
Dimension a
50.8 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
BCDH-H
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V


Similar Part No. - 5437101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437114 PHOENIX-5437114 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H-12 GY
More results

Similar Description - 5437101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5437017 PHOENIX-5437017 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 2 GY
5437020 PHOENIX-5437020 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 3 GY
5437033 PHOENIX-5437033 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 4 GY
5437075 PHOENIX-5437075 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 8 GY
5437091 PHOENIX-5437091 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H-10 GY
5437114 PHOENIX-5437114 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H-12 GY
5437046 PHOENIX-5437046 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 5 GY
5437059 PHOENIX-5437059 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 6 GY
5437062 PHOENIX-5437062 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 7 GY
5437088 PHOENIX-5437088 Datasheet
74Kb / 3P
Printed-circuit board connector - BCDH-508H- 9 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com