Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC511LP5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC511LP5
Description  MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC511LP5 Datasheet(HTML) 3 Page - Analog Devices

  HMC511LP5 Datasheet HTML 1Page - Analog Devices HMC511LP5 Datasheet HTML 2Page - Analog Devices HMC511LP5 Datasheet HTML 3Page - Analog Devices HMC511LP5 Datasheet HTML 4Page - Analog Devices HMC511LP5 Datasheet HTML 5Page - Analog Devices HMC511LP5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC511LP5/511LP5E
v06.0114
MMIC VCO WITH HALF FREQUENCY OUTPUT
9.05 - 10.15 GHz
Absolute Maximum Ratings
Vcc
+5.5 Vdc
Vtune
0 to +15V
Storage Temperature
-65 to +150 °C
ESD Sensitivity (HBM)
Class 1A
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
245
5.0
265
5.25
285
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RFOUT/2 Frequency vs. Tuning Voltage
RFOUT/2 Output Power
vs. Tuning Voltage
0
2
4
6
8
10
12
14
012
3
4
56789
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (Vdc)
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
012
3
4
56789
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (Vdc)
Reliability Information
Junction Temperature To Maintain
1 Million Hour MTTF
135 °C
Nominal Junction Temperature
(T = +85
°C
126.9
°C
Thermal Resistance
(junction to ground paddle)
31.6 °C/W
Operating Temperature
-40 to +85 °C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com