Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC511LP5E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC511LP5E
Description  MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC511LP5E Datasheet(HTML) 2 Page - Analog Devices

  HMC511LP5E Datasheet HTML 1Page - Analog Devices HMC511LP5E Datasheet HTML 2Page - Analog Devices HMC511LP5E Datasheet HTML 3Page - Analog Devices HMC511LP5E Datasheet HTML 4Page - Analog Devices HMC511LP5E Datasheet HTML 5Page - Analog Devices HMC511LP5E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC511LP5/511LP5E
v06.0114
MMIC VCO WITH HALF FREQUENCY OUTPUT
9.05 - 10.15 GHz
Frequency vs. Tuning Voltage
Sensitivity vs. Tuning Voltage
SSB Phase Noise @ Vtune = +5V
Frequency vs. Tuning Voltage, T = 25C
Output Power vs. Tuning Voltage
7.8
8.2
8.6
9
9.4
9.8
10.2
10.6
012
3
4
56789
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (Vdc)
0
2
4
6
8
10
12
14
16
18
012
3
4
56789
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (Vdc)
0
100
200
300
400
500
600
700
012
3
4
56789
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (Vdc)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
7.8
8.2
8.6
9
9.4
9.8
10.2
10.6
012
3
4
56789
10 11 12 13
Vcc= +4.75V
Vcc= +5.0V
Vcc= +5.25V
TUNING VOLTAGE (Vdc)
SSB Phase Noise vs. Tuning Voltage
-130
-120
-110
-100
-90
-80
-70
-60
12
345
678
9
10
11
12
13
10kHz offset
100kHz offset
TUNING VOLTAGE (Vdc)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com