Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC513LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC513LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC513LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC513LP5 Datasheet HTML 1Page - Analog Devices HMC513LP5 Datasheet HTML 2Page - Analog Devices HMC513LP5 Datasheet HTML 3Page - Analog Devices HMC513LP5 Datasheet HTML 4Page - Analog Devices HMC513LP5 Datasheet HTML 5Page - Analog Devices HMC513LP5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC513LP5 / 513LP5E
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 10.43 - 11.46 GHz
v04.0811
General Description
Features
Functional Diagram
The HMC513LP5 & HMC513LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC
VCOs. The HMC513LP5 & HMC513LP5E integrate
resonators, negative resistance devices, varactor
diodes and feature half frequency and divide-by-
4 outputs. The VCO’s phase noise performance is
excellent over temperature, shock, and process due to
the oscillator’s monolithic structure. Power output is +7
dBm typical from a +3V supply voltage. The prescaler
function can be disabled to conserve current if not
required. The voltage controlled oscillator is packaged
in a leadless QFN 5x5 mm surface mount package,
and requires no external matching components.
Dual Output: Fo = 10.43 - 11.46 GHz
Fo/2 = 5.21 - 5.73 GHz
Pout: +7 dBm
Phase Noise: -110 dBc/Hz @100 KHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, Divide-by-4
Outputs for:
• VSAT Radio
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc1, Vcc2 = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
10.43 - 11.46
5.215 - 5.73
GHz
GHz
Power Output
RFOUT
RFOUT/2
RFOUT/4
+5
+5
-10
+10
+11
-4
dBm
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-110
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current
Icc1 & Icc2
240
275
290
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2
dB
Harmonics/Subharmonics
1/2
3/2
2nd
3rd
32
26
15
28
dBc
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
5
MHz pp
Pushing @ Vtune= 5V
25
MHz/V
Frequency Drift Rate
1
MHz/°C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC513LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC513LP5 HITTITE-HMC513LP5 Datasheet
398Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
HMC513LP5 HITTITE-HMC513LP5 Datasheet
428Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
HMC513LP5E HITTITE-HMC513LP5E Datasheet
398Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
HMC513LP5E HITTITE-HMC513LP5E Datasheet
428Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
HMC513LP5 HITTITE-HMC513LP5_11 Datasheet
428Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
More results

Similar Description - HMC513LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC513LP5 HITTITE-HMC513LP5 Datasheet
398Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC632LP5 HITTITE-HMC632LP5 Datasheet
393Kb / 9P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
HMC513LP5 HITTITE-HMC513LP5_11 Datasheet
428Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.43 - 11.46 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com