Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF3.3A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMF3.3A
Description  Glass passivated chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMF3.3A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMF3.3A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF3.3A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF3.3A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
● Glass passivated chip
● 200 W peak pulse power capability with a 10/1000
us waveform, repetitive rate (duty cycle):0.01 %
● Excellent clamping capability
SOD123FL
Excellent clamping capability
● Low reverse leakage
● Very fast response time
● Lead and body according with RoHS standard
Mechanical Data
C
SOD123FL M ld d l ti
● Case: SOD123FL Molded plastic
● Lead: Solderable per MIL-STD-750, method 2026
● Epoxy: UL 94V-0 rate flame retardant
● Polarity: Color band denotes cathode end except Bipolar
● Mounting position: Any
Unit: inch (mm)
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Unit
W
A
Peak pulse current wih a 10/1000 us waveform(1)
IPP
27.5
Parameter
Symbols
Value
Peak power dissipation with a 10/1000 us waveform(1)
PPP
200
W
A
V
℃
Note:
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
Peak forward surge current, 8.3 ms single half sinewave
unidirectional only(2)
IFSM
30
Maximum instantaneous forward voltage at 10 A for
unidirectional only
VF
3.5
Power dissipation on infinite heatsink at TL = 75 °C
PD
1.0
Note:
1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1;
2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum;
MMF3.3A/CA
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - MMF3.3A

ManufacturerPart #DatasheetDescription
logo
MacMic
MMF300D170B2B MACMIC-MMF300D170B2B Datasheet
308Kb / 3P
1700V 300A FRED Module
MMF300N060DA6B MACMIC-MMF300N060DA6B Datasheet
383Kb / 3P
600V 300A FRED Module
MMF300N060DK6B MACMIC-MMF300N060DK6B Datasheet
383Kb / 3P
600V 300A FRED Module
MMF300S060B MACMIC-MMF300S060B Datasheet
393Kb / 3P
600V 300A FRED Module
MMF300S060B2B MACMIC-MMF300S060B2B Datasheet
393Kb / 3P
600V 300A FRED Module
More results

Similar Description - MMF3.3A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
Glass passivated chip
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
Glass passivated chip
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
Glass passivated chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com