Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF7.0A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMF7.0A
Description  Working peak reverse voltage range ??5.0V to 190V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMF7.0A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMF7.0A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF7.0A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF7.0A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF7.0A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Working peak reverse voltage range – 5.0V to 190V.
Peak power dissipation 200W @10 x 1000 us Pulse
Low profile package.
Excellent clamping capability.
Glass passivated junction.
Fast response time: typically less than 1 ns for Uni-direction.
Typical IR less than 1uA
above 10V.
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: Void-free, Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device.
Qualified max reflow temperature: 260°C
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
(Note 1, 2, FIG.1)
PPPM
Min 200
W
Peak Pulse Current of on 10/1000us Waveform
(Note 1, FIG.3)
IPPM
See Table 1
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
SOD-123FL
Rev : 01.06.2014
1/4
www.leiditech.com
AEC -Q101 qualified.
MMF5.0A/CA--MMF190A/CA


Similar Part No. - MMF7.0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF7.0A SUNMATE-MMF7.0A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Semitech Semic...
MMF7.0A SEMITECH-MMF7.0A Datasheet
130Kb / 4P
Glass passivated junction
MMF7.0A SEMITECH-MMF7.0A Datasheet
497Kb / 5P
Low profile package
logo
Zibo Seno Electronic En...
MMF7.0A ZSELEC-MMF7.0A Datasheet
244Kb / 4P
5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - MMF7.0A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N248B NJSEMI-1N248B Datasheet
129Kb / 1P
PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
logo
Kingtronics Internation...
BAV99 KINGTRONICS-BAV99 Datasheet
414Kb / 2P
Repetitive Peak Reverse Voltage
logo
GOOD-ARK Electronics
F2TVS5.0A GOOD-ARK-F2TVS5.0A_15 Datasheet
206Kb / 5P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
L2TVS10.0A GOOD-ARK-L2TVS10.0A_15 Datasheet
195Kb / 5P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
StarHope
ASS-ASB SPSEMI-ASS-ASB Datasheet
183Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
ASS-ASC SPSEMI-ASS-ASC Datasheet
167Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
Voltage 5.0V ~ 250V 5000W Peak Power TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com