Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL631S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PL631S
Description  Surface mount, small size
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PL631S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PL631S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PL631S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PL631S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
特点
特点
特点
特点/Features
/Features
/Features
/Features:
表面安装,尺寸小;
导通电压小;
可靠性高;
用途
用途
用途
用途/Applications
/Applications
/Applications
/Applications:
高速开关电路。
印章
印章
印章
印章/ Marking:
/ Marking:
/ Marking:
/ Marking: C
CC
C
极限参数
极限参数
极限参数
极限参数/Absolute maximum ratings(Ta=25
/Absolute maximum ratings(Ta=25
/Absolute maximum ratings(Ta=25
/Absolute maximum ratings(Ta=25℃
℃)
))
)
Parameter
Symbol
Value
Unit
DC Reverse Voltage
V
R
30
V
Mean Rectifying Current
I
O
200
mA
Peak Forward Surge Current
I
FSM
1
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-40125
电性能参数
电性能参数
电性能参数
电性能参数/Electrical characteristics (Ta=25
/Electrical characteristics (Ta=25
/Electrical characteristics (Ta=25
/Electrical characteristics (Ta=25℃
℃)
))
)
Parameter
Symbol Test Conditions Min. Typ.
Max. Unit
Forward Voltage
V
F
I
F
=200mA
0.50
V
Reverse Current
I
RM
V
R
=10V
30
μA
PL631S
Rev :
www.leiditech.com
1/3
01.06.2015
Dimensions SOD-523
Pin Configuration


Similar Part No. - PL631S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PL631-30 LEIDITECH-PL631-30 Datasheet
557Kb / 3P
Surface mount, small size
More results

Similar Description - PL631S

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBH1000 LUXPIA-LBH1000 Datasheet
172Kb / 15P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type SMD
logo
Welwyn Components Limit...
LRCS WELWYN-LRCS Datasheet
358Kb / 2P
SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS
logo
LUXPIA
LBW1000 LUXPIA-LBW1000 Datasheet
197Kb / 14P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LWH1000 LUXPIA-LWH1000 Datasheet
212Kb / 15P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
logo
KODENSHI_AUK CORP.
SB1316-H KODENSHI-SB1316-H Datasheet
191Kb / 4P
1.6mm(L)횞0.8mm small size surface mount type
logo
LUXPIA
LRH1030 LUXPIA-LRH1030 Datasheet
634Kb / 16P
Small size surface mount type
LWM1030 LUXPIA-LWM1030 Datasheet
717Kb / 17P
Small size surface mount type
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CR00 AVAGO-ASMT-CR00 Datasheet
350Kb / 6P
Small size right angle mount
logo
Shanghai Leiditech Elec...
PL631-30 LEIDITECH-PL631-30 Datasheet
557Kb / 3P
Surface mount, small size
logo
Z-Communications, Inc
C-506BX ZCOMM-C-506BX Datasheet
290Kb / 2P
Small Size Surface Mount Version
1991
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com