Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF70A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMF70A
Description  Working peak reverse voltage range ??5.0V to 190V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMF70A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMF70A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF70A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF70A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF70A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Specification @ Tamb 25°C
Type
Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5.0
6.40
7.25
10
9.2
21.7
400.0
6.0
6.67
7.67
10
10.3
19.4
400.0
6.5
7.22
8.30
10
11.2
17.9
250.0
10
12
16.7
100.0
7.5
8.33
9.58
1.0
12.9
15.5
50.0
8.0
8.89
10.23
1.0
13.6
14.7
25.0
8.5
9.44
10.82
1.0
14.4
13.9
10.0
9.0
10.0
11.5
1.0
15.4
13
5.0
3
15.3
1.0
19.9
10.1
2.5
4
16.5
1.0
21.5
9.3
1.0
6
17.9
1.0
23.2
8.6
1.0
7
19.2
1.0
24.4
8.2
1.0
17.8
20.5
1.0
26
7.7
1.0
9
21.7
1.0
27.6
7.2
1.0
0
23.3
1.0
29.2
6.8
1.0
2
25.5
1.0
32.4
6.2
1.0
4
28.0
1.0
35.5
5.6
1.0
7
30.7
1.0
38.9
5.1
1.0
9
33.2
1.0
42.1
4.8
1.0
1
35.8
1.0
45.4
4.4
1.0
3
38.3
1.0
48.4
4.1
1.0
7
42.2
1.0
53.3
3.8
1.0
0
46.0
1.0
58.1
3.4
1.0
4
51.1
1.0
64.5
3.1
1.0
8
54.9
1.0
69.4
2.9
1.0
0
57.5
1.0
72.7
2.8
1.0
3
61.3
1.0
77.4
2.6
1.0
7
65.2
1.0
82.4
2.4
1.0
0
69.0
1.0
87.1
2.3
1.0
4
74.1
1.0
93.6
2.1
1.0
7
76.7
1.0
96.8
1.8
1.0
71.1
81.8
1.0
103
1.7
1.0
8
89.5
1.0
113
1.5
1.0
83.3
95.8
1.0
121
1.4
1.0
86.7
99.7
1.0
126
1.4
1.0
Rev : 01.06.2014
2/4
www.leiditech.com
MMF5.0A/CA--MMF190A/CA
MMF5.0A
MMF5.0CA
MMF6.0A
MMF6.0CA
MMF6.5A
MMF6.5CA
MMF7.0A
MMF7.0CA
MMF7.5A
MMF7.5CA
MMF8.0A
MMF8.0CA
MMF8.5A
MMF8.5CA
MMF9.0A
MMF9.0CA
MMF10A
MMF10CA
10
11.1
12.8
1.0
17
11.8
2.5
7.0
7.78
8.95
MMF11A
MMF11CA
11
12.2
14.0
1.0
18.2
11
2.5
MMF12A
MMF12CA
12
13.
MMF13A
MMF13CA
13
14.
MMF14A
MMF14CA
14
15.
MMF15A
MMF15CA
15
16.
MMF16A
MMF16CA
16
MMF17A
MMF17CA
17
18.
MMF18A
MMF18CA
18
20.
MMF20A
MMF20CA
20
22.
MMF22A
MMF22CA
22
24.
MMF24A
MMF24CA
24
26.
MMF26A
MMF26CA
26
28.
MMF28A
MMF28CA
28
31.
MMF30A
MMF30CA
30
33.
MMF33A
MMF33CA
33
36.
MMF36A
MMF36CA
36
40.
MMF40A
MMF40CA
40
44.
MMF43A
MMF43CA
43
47.
MMF45A
MMF45CA
45
50.
MMF48A
MMF48CA
48
53.
MMF51A
MMF51CA
51
56.
MMF54A
MMF54CA
54
60.
MMF58A
MMF58CA
58
64.
MMF60A
MMF60CA
60
66.
MMF64A
MMF64CA
64
MMF70A
MMF70CA
70
77.
MMF75A
MMF75CA
75
MMF78A
MMF78CA
78



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com