Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AX Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD103AX
Description  Low Forward Voltage Drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD103AX Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD103AX Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD103AX Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD103AX Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SD103AX Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SD103AX Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AX
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Low Reverse Recovery Time
Low Reverse Capacitance
MARKING:
SOD-523
S
___
4
S 4
S 4
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
VR
DC Blocking Voltage
40
V
VR(RMS)
RMS Reverse Voltage
28
V
IFM
Forward Continuous Current
200
mA
IFSM
Non-Repetitive Peak Forward Surge Current@t=8.3ms
2
A
PD
Power Dissipation
150
mW
RΘJA
Thermal Resistance From Junction To Ambient
667
℃/W
Tj
Junction Temperature
125
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
40
V
VR=30V
5
VR=20V
2
Reverse current
IR
VR=10V
1
μA
IF=1mA
0.27
IF=5mA
0.32
IF=20mA
0.37
Forward voltage
VF
IF=200mA
0.6
V
Total capacitance
Ctot
VR=0V,f=1MHz
50
pF
Reverse recovery time
trr
IF= IR=200mA, Irr=0.1×IR, RL=100Ω
10
ns
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,the normal device.
Rev :
www.leiditech.com
01.06.2015
1/5


Similar Part No. - SD103AX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Shenzhen Jin Yu Semicon...
SD103AX HTSEMI-SD103AX Datasheet
3Mb / 1P
SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
More results

Similar Description - SD103AX

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com