Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4960P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4960P
Description  40V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4960P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4960P Datasheet HTML 1Page - First Silicon Co., Ltd FTK4960P Datasheet HTML 2Page - First Silicon Co., Ltd FTK4960P Datasheet HTML 3Page - First Silicon Co., Ltd FTK4960P Datasheet HTML 4Page - First Silicon Co., Ltd FTK4960P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
150
A
Drain Current – Continuous (TC=100℃)
95
A
IDM
Drain Current – Pulsed
1
600
A
EAS
Single Pulse Avalanche Energy
2
312
mJ
IAS
Single Pulse Avalanche Current
2
79
A
PD
Power Dissipation (TC=25℃)
166
W
Power Dissipation – Derate above 25℃
1.33
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
0.75
℃/W
BVDSS
RDSON
ID
40V
3.8m
Ω
150A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 40V, 150A, RDS(ON) =3.8m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 Green Device Available
General Description
Features
Applications
MB / VGA / Vcore
POL Applications
SMPS 2
nd SR
Thermal Characteristics
D
S
G
40V N-Channel MOSFETs
TO-220 Pin Configuration
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
1. Gate
2. Drain
3. Source
1
3
2
2020. 06. 05
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK4960P


Similar Part No. - FTK4960P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4960DD FS-FTK4960DD Datasheet
919Kb / 5P
40V N-Channel MOSFETs
FTK4960DFN56 FS-FTK4960DFN56 Datasheet
983Kb / 5P
40V N-Channel MOSFETs
More results

Similar Description - FTK4960P

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSC49N60X BWTECH-MSC49N60X Datasheet
607Kb / 6P
40V N-Channel MOSFETs
logo
Potens Semiconductor Co...
PMC4998X POTENS-PMC4998X Datasheet
583Kb / 5P
40V N-Channel MOSFETs
Ver.1.01
logo
First Silicon Co., Ltd
FTK4902DFN56 FS-FTK4902DFN56 Datasheet
801Kb / 5P
40V N-Channel MOSFETs
FTK4904D FS-FTK4904D Datasheet
957Kb / 5P
40V N-Channel MOSFETs
FTK4906D FS-FTK4906D Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4912D FS-FTK4912D Datasheet
870Kb / 5P
40V N-Channel MOSFETs
FTK4906DFN56 FS-FTK4906DFN56 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4910 FS-FTK4910 Datasheet
1Mb / 5P
40V N-Channel MOSFETs
FTK4960DFN56 FS-FTK4960DFN56 Datasheet
983Kb / 5P
40V N-Channel MOSFETs
FTK4970P FS-FTK4970P Datasheet
1Mb / 5P
40V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com