Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4AS-2A1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # L4AS-2A1-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

L4AS-2A1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  L4AS-2A1-R Datasheet HTML 1Page - M-System Co.,Ltd. L4AS-2A1-R Datasheet HTML 2Page - M-System Co.,Ltd. L4AS-2A1-R Datasheet HTML 3Page - M-System Co.,Ltd. L4AS-2A1-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: L4AS
L4AS SPECIFICATIONS
ES-1991 Rev.5 Page 2/4
http://www.m-system.co.jp/
Alarm Trip Operation Terminal No. in parentheses
0
50
100
Input
(%)
No.1 No.2
No.3
No.4
Output 1
(3–5)ON
(3–4)ON
Output 2
(6–8)ON
(6–7)ON
Output 3
(11–13)ON
Output 4
(11–12)ON
(14–15)ON
(14–16)ON
• Output Code : 2
Trip Operation in Power Failure:
Terminals 3 – 5, 6 – 8, 11 – 13 and 14 – 16 turn ON.
0
50
100
Input
(%)
No.1
(LL)
No.2
(L)
No.3
(H)
No.4
(HH)
Output 1
(3–4)ON
(3–5)ON
Output 2
(6–8)ON
(6–7)ON
Output 3
(11–13)ON
Output 4
(11–12)ON
(14–15)ON
(14–16)ON
• Output Code : 1
Trip Operation in Power Failure:
Terminals 3 – 5, 6 – 8, 11 – 13 and 14 – 16 turn ON.
INSTALLATION
Power consumption
•AC: Approx. 4.5 VA
•DC: Approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE in percentage of span
Setpoint accuracy: ±0.3 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com