Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4655 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC4655
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4655 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC4655 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4655 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4655 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SC4655
Cob — VCB
bie — gie
bre — gre
bfe — gfe
boe — goe
1
3
10
30
100
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
020
16
412
8
0
12
10
8
6
4
2
y
ie=gie+jbie
V
CE=10V
f=0.45MHz
–1mA
–2mA
–4mA
–7mA
58
25
10.7
100
I
E=– 0.1mA
Input conductance g
ie
(mS)
– 0.5
0
– 0.1
– 0.4
– 0.2
– 0.3
–3.0
0
– 0.5
–1.0
–1.5
–2.0
–2.5
y
re=gre+jbre
V
CE=10V
f=0.45MHz
I
E=–7mA
–2mA
–4mA
–1mA
– 0.4mA
25
58
100
10.7
Reverse transfer conductance g
re
(mS)
0
100
80
20
60
40
–120
0
–20
–40
–60
–80
–100
y
fe=gfe+jbfe
V
CE=10V
f=0.45MHz
I
E=–7mA
–4mA
–2mA
– 0.4mA
–1mA
0.45
10.7
10.7
10.7
25
25
25
58
100
100
100
100
58
58
58
Forward transfer conductance
g
fe
(mS)
0
1.0
0.8
0.2
0.6
0.4
0
1.2
1.0
0.8
0.6
0.4
0.2
y
oe=goe+jboe
V
CE=10V
f=0.45MHz
I
E=– 0.1mA
–7mA
–4mA
–2mA
–1mA
– 0.4mA
58
10.7
25
100
Output conductance g
oe
(mS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com